Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3210PM Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB3210PM
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210PM Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB3210PM Datasheet HTML 3Page - Texas Instruments TUSB3210PM Datasheet HTML 4Page - Texas Instruments TUSB3210PM Datasheet HTML 5Page - Texas Instruments TUSB3210PM Datasheet HTML 6Page - Texas Instruments TUSB3210PM Datasheet HTML 7Page - Texas Instruments TUSB3210PM Datasheet HTML 8Page - Texas Instruments TUSB3210PM Datasheet HTML 9Page - Texas Instruments TUSB3210PM Datasheet HTML 10Page - Texas Instruments TUSB3210PM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
1–1
1 Introduction
The TUSB3210 has 8k
× 8 RAM space for application development. A ROM based version of the TUSB3210 has 8k
× 8 ROM space for predeveloped customer specific production applications. In addition, the programmability of the
TUSB3210 makes it flexible enough to use for various other general USB I/O applications. Unique vendor
identification and product identification (VID/PID) may be selected without the use of an external EEPROM. Using
a 12 MHz crystal, the onboard oscillator generates the internal system clocks. The device may be programmed via
an inter-IC (I2C) serial interface at power on from an EEPROM, or optionally, the application firmware may be
downloaded from a host PC via USB. The popular 8052-based microprocessor allows several third party standard
tools to be used for application development. In addition, the vast amounts of application code available in the general
market may also be utilized (this may or may not require some code modification due to hardware variations).
1.1
Features
•
Multiproduct support with one code and one chip (up to 16 products with one chip)
•
Fully compliant with the USB release 1.1 specification
•
Supports USB suspend/resume and remote wake-up operation
•
Integrated 8052 Microcontroller with:
–
256
× 8 RAM for internal data
–
8k
× 8 RAM code space available for downloadable firmware from host or I2C port. [1]
–
512
× 8 shared RAM used for data buffers and endpoint descriptor blocks (EDB) [2]
–
Four 8052 GPIO ports, Port 0,1, 2 and 3
–
Master I2C controller for external slave device access
–
Watchdog timer
•
Operates from a 12 MHz crystal
•
On-chip PLL generates 48/12 MHz
•
Supports a total of 4 input and 4 output endpoints
•
Power-down mode
•
Single 3.3 V operation [3]
•
64-pin TQFP package
•
Applications include keyboard, bar code reader, flash memory reader, general-purpose controller
[1] The TUSB3210 has 8K x 8 RAM for development.
[2] This is the buffer space for USB packet transactions.
[3] 1.8 V required only to support suspend mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com