Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3210PM Datasheet(PDF) 27 Page - Texas Instruments

Part # TUSB3210PM
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210PM Datasheet(HTML) 27 Page - Texas Instruments

Back Button TUSB3210PM Datasheet HTML 23Page - Texas Instruments TUSB3210PM Datasheet HTML 24Page - Texas Instruments TUSB3210PM Datasheet HTML 25Page - Texas Instruments TUSB3210PM Datasheet HTML 26Page - Texas Instruments TUSB3210PM Datasheet HTML 27Page - Texas Instruments TUSB3210PM Datasheet HTML 28Page - Texas Instruments TUSB3210PM Datasheet HTML 29Page - Texas Instruments TUSB3210PM Datasheet HTML 30Page - Texas Instruments TUSB3210PM Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
2–15
2.6.3
USBMSK: USB Interrupt Mask Register
7
6
5
4
3
210
RSTR
SUSR
RESR
PWOFF
PWON
SETUP
RSV
STPOW
R/W
R/W
R/W
R/W
R/W
R/W
R/O
R/W
BIT
NAME
RESET
FUNCTION
0
STPOW
0
SETUP overwrite interrupt enable bit
STPOW = 0 STPOW interrupt disabled
STPOW = 1 STPOW interrupt enabled
1
RSV
0
Reserved = 0
2
SETUP
0
SETUP interrupt enable bit
SETUP = 0 SETUP interrupt disabled
SETUP = 1 SETUP interrupt enabled
3
PWON
0
Power-on interrupt enable bit
PWON = 0 PWON interrupt disabled
PWON = 1 PWON interrupt enabled
4
PWOFF
0
Power-off interrupt enable bit
PWOFF = 0 PWOFF interrupt disabled
PWON = 1 PWOFF interrupt enabled
5
RESR
0
Function resume interrupt enable
RESR = 0 function resume interrupt disabled
RESR = 1 function resume interrupt enabled
6
SUSR
0
Function suspend interrupt enable
SUSR = 0 function suspend interrupt disabled
SUSR = 1 function suspend interrupt enabled
7
RSTR
0
Function reset interrupt enable
RSTR = 0 function reset interrupt disabled
RSTR = 1 function reset interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com