Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3210PM Datasheet(PDF) 23 Page - Texas Instruments

Part # TUSB3210PM
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210PM Datasheet(HTML) 23 Page - Texas Instruments

Back Button TUSB3210PM Datasheet HTML 19Page - Texas Instruments TUSB3210PM Datasheet HTML 20Page - Texas Instruments TUSB3210PM Datasheet HTML 21Page - Texas Instruments TUSB3210PM Datasheet HTML 22Page - Texas Instruments TUSB3210PM Datasheet HTML 23Page - Texas Instruments TUSB3210PM Datasheet HTML 24Page - Texas Instruments TUSB3210PM Datasheet HTML 25Page - Texas Instruments TUSB3210PM Datasheet HTML 26Page - Texas Instruments TUSB3210PM Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
2–11
2.4.12 IEPSIZXY_n: Input Endpoint X/Y-Buffer Size (n=1 to 3)
7
6
5
4
3
210
RSV
S6
S5
S4
S3
S2
S1
S0
R/O
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
6–0
S[6:0]
x
X AND Y-Buffer size:
0000.0000b > Count = 0
0000.0001b > Count = 1 byte
:
:
0011.1111b > Count = 63 bytes
0100.0000b > Count = 64 bytes
Any value
≥ 100.0001b produces unpredictable results.
7
RSV
x
Reserved
2.5
Endpoint-0 Descriptor Registers
Unlike EDB-1 to EDB-3, which are defined as memory entries in SRAM, Endpoint-0 is described by a set of 4 registers
(two for output and two for input). Table 2–5 defines the registers and their respective addresses used for EDB-0
description. EDB-0 has no Base-Address-Register, since these addresses are hardwired to FEF8 and FEF0. Note
that the bit positions have been preserved to provide consistency with EDB-n (n = 1 to 3).
Table 2–5. Input/Output EDB-0 Registers
ADDRESS
REGISTER NAME
DESCRIPTION
BASE ADDRESS
FF83
OEPBCNT_0
Output endpoint_0: byte count register
FF82
OEPCNFG_0
Output endpoint_0: configuration register
FEF0
FF81
IEPBCNT_0
Input endpoint_0: byte count register
FF80
IEPCNFG_0
Input endpoint_0: configuration register
FEF8
2.5.1
IEPCNFG_0: Input Endpoint-0 Configuration Register
7
6
5
4
3
210
UBME
RSV
TOGLE
RSV
STALL
USBIE
RSV
RSV
R/W
R/O
R/O
R/O
R/W
R/W
R/O
R/O
BIT
NAME
RESET
FUNCTION
1–0
RSV
0
Reserved
2
USBIE
0
USB interrupt enable on transaction completion. Set/clear by MCU
USBIE = 0 No interrupt
USBIE = 1 Interrupt on transaction completion
3
STALL
0
USB stall condition indication. Set/clear by MCU.
STALL = 0
No stall
STALL = 1
USB stall condition. If set by MCU, a STALL handshake is initiated and the bit is cleared
automaticallly by next setup transaction.
4
RSV
0
Reserved
5
TOGLE
0
USB toggle bit. This bit reflects the toggle sequence bit of DATA0, DATA1
6
RSV
0
Reserved
7
UBME
0
UBM enable/disable bit. Set/clear by MCU.
UBME = 0 UBM cannot use this endpoint.
UBME = 1 UBM can use this endpoint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com