Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3210PM Datasheet(PDF) 15 Page - Texas Instruments

Part # TUSB3210PM
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210PM Datasheet(HTML) 15 Page - Texas Instruments

Back Button TUSB3210PM Datasheet HTML 11Page - Texas Instruments TUSB3210PM Datasheet HTML 12Page - Texas Instruments TUSB3210PM Datasheet HTML 13Page - Texas Instruments TUSB3210PM Datasheet HTML 14Page - Texas Instruments TUSB3210PM Datasheet HTML 15Page - Texas Instruments TUSB3210PM Datasheet HTML 16Page - Texas Instruments TUSB3210PM Datasheet HTML 17Page - Texas Instruments TUSB3210PM Datasheet HTML 18Page - Texas Instruments TUSB3210PM Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
2–3
2.2.2
MCNFG: MCU Configuration Register
This register is used to control the MCU clock rate.
7
6
5
4
3
210
12/48
XINT
RSV
R3
R2
R1
R0
SDW
R/W
R/W
R/O
R/O
R/O
R/O
R/O
R/W
BIT
NAME
RESET
FUNCTION
0
SDW
0
This bit enables/disables boot ROM. In the ROM version of the controller, this bit has no effect.
SDW = 0
When clear, MCU executes from the 6k boot ROM space. The boot ROM appears in two
locations: 0000 and 8000h. The 8k RAM is mapped to XDATA space; therefore, Read/Write
operation is possible. This bit is set by MCU after the RAM load is completed. MCU cannot
clear this bit. It is cleared on power-up-reset or function reset.
SDW = 1
When set by MCU, the 6k boot ROM maps to location 8000h, and the 8k RAM is mapped to
code-space, starting at location 0000h. At this point, MCU executes from RAM, and write
operation is disabled (No write operation is possible in code space).
4–1
R[3:0]
No affect
These bits reflect the device revision number
5
RSV
0
Reserved
6
XINT
0
INT1 source control bit.
XINT = 0 INT1 is connected to P3.3-pin and operates as a standard INT1 interrupt
XINT = 1 INT1 is connected to the OR of Port–2 inputs.
7
12/48
0
This bit selects 12 or 48MHz clock for MCU
12/48 = 0 12 MHz
12/48 = 1 48 MHz
2.2.3
PUR_n: GPIO Pullup Register for Port n (n = 0 to 3)
7
6
5
4
3
210
Pin7
Pin6
Pin5
Pin4
Pin3
Pin2
Pin1
Pin0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0–7
PinN
(N = 0 to 7)
0
The MCU may write to this register. If the MCU sets this bit to 1, the pullup resistor is disconnected from
the pin. If the MCU clears this bit to 0, the pullup resistor is connected to the pin. The pullup resistor is
connected to VCC power supply.
2.2.4
INTCFG: Interrupt Configuration
7
6
5
4
3
210
RSV
RSV
RSV
RSV
I3
I2
I1
I0
R/O
R/O
R/O
R/O
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0–3
I[3:0]
0010
The MCU may write to this register to set the interrupt delay time for Port 2 on the MCU. The value of the
lower nibble represents the delay in ms. Default after reset is 2 ms.
4–7
RSV
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com