Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3210PM Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB3210PM
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210PM Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB3210PM Datasheet HTML 6Page - Texas Instruments TUSB3210PM Datasheet HTML 7Page - Texas Instruments TUSB3210PM Datasheet HTML 8Page - Texas Instruments TUSB3210PM Datasheet HTML 9Page - Texas Instruments TUSB3210PM Datasheet HTML 10Page - Texas Instruments TUSB3210PM Datasheet HTML 11Page - Texas Instruments TUSB3210PM Datasheet HTML 12Page - Texas Instruments TUSB3210PM Datasheet HTML 13Page - Texas Instruments TUSB3210PM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
1–4
1.5
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
DM
19
I/O
Differential data minus USB
DP
18
I/O
Differential data plus USB
GND
5,24,42,5
9
I
Power supply ground
NC
2, 3, 6,
7, 63, 64
No connection
P0.0
43
I/O
General-purpose I/O port 0 bit 0, Schmitt-trigger input 100
µA active pullup, open drain output
P0.1
44
I/O
General-purpose I/O port 0 bit 1, Schmitt-trigger input 100
µA active pullup, open drain output
P0.2
45
I/O
General-purpose I/O port 0 bit 2, Schmitt-trigger input 100
µA active pullup, open drain output
P0.3
46
I/O
General-purpose I/O port 0 bit 3, Schmitt-trigger input 100
µA active pullup, open drain output
P0.4
47
I/O
General-purpose I/O port 0 bit 4, Schmitt-trigger input 100
µA active pullup, open drain output
P0.5
48
I/O
General-purpose I/O port 0 bit 5, Schmitt-trigger input 100
µA active pullup, open drain output
P0.6
49
I/O
General-purpose I/O port 0 bit 6, Schmitt-trigger input 100
µA active pullup, open drain output
P0.7
50
I/O
General-purpose I/O port 0 bit 7, Schmitt-trigger input 100
µA active pullup, open drain output
P1.0
31
I/O
General-purpose I/O port 1 bit 0, Schmitt-trigger input 100
µA active pullup, open drain output
P1.1
32
I/O
General-purpose I/O port 1 bit 1, Schmitt-trigger input 100
µA active pullup, open drain output
P1.2
33
I/O
General-purpose I/O port 1 bit 2, Schmitt-trigger input 100
µA active pullup, open drain output
P1.3
34
I/O
General-purpose I/O port 1 bit 3, Schmitt-trigger input 100
µA active pullup, open drain output
P1.4
35
I/O
General-purpose I/O port 1 bit 4, Schmitt-trigger input 100
µA active pullup, open drain output
P1.5
36
I/O
General-purpose I/O port 1 bit 5, Schmitt-trigger input 100
µA active pullup, open drain output
P1.6
40
I/O
General-purpose I/O port 1 bit 6, Schmitt-trigger input 100
µA active pullup, open drain output
P1.7
41
I/O
General-purpose I/O port 1 bit 7, Schmitt-trigger input 100
µA active pullup, open drain output
P2.0
22
I/O
General-purpose I/O port 2 bit 0, Schmitt-trigger input 100
µA active pullup, open drain output
P2.1
23
I/O
General-purpose I/O port 2 bit 1, Schmitt-trigger input 100
µA active pullup, open drain output
P2.2
25
I/O
General-purpose I/O port 2 bit 2, Schmitt-trigger input 100
µA active pullup, open drain output
P2.3
26
I/O
General-purpose I/O port 2 bit 3, Schmitt-trigger input 100
µA active pullup, open drain output
P2.4
27
I/O
General-purpose I/O port 2 bit 4, Schmitt-trigger input 100
µA active pullup, open drain output
P2.5
28
I/O
General-purpose I/O port 2 bit 5, Schmitt-trigger input 100
µA active pullup, open drain output
P2.6
29
I/O
General-purpose I/O port 2 bit 6, Schmitt-trigger input 100
µA active pullup, open drain output
P2.7
30
I/O
General-purpose I/O port 2 bit 7, Schmitt-trigger input 100
µA active pullup, open drain output
P3.0/S0
58
I/O
General-purpose I/O port 3 bit 0, Schmitt-trigger input 100
µA active pullup, open drain output
P3.1/S1
57
I/O
General-purpose I/O port 3 bit 1, Schmitt-trigger input 100
µA active pullup, open drain output
P3.2
56
I/O
General-purpose I/O port 3 bit 2
P3.3
55
I/O
General-purpose I/O port 3 bit 3, Schmitt-trigger input 100
µA active pullup, open drain output;
will not support INT1 input
P3.4
54
I/O
General-purpose I/O port 3 bit 4, Schmitt-trigger input 100
µA active pullup, open drain output
P3.5
53
I/O
General-purpose I/O port 3 bit 5, Schmitt-trigger input 100
µA active pullup, open drain output
P3.6
52
I/O
General-purpose I/O port 3 bit 6, Schmitt-trigger input 100
µA active pullup, open drain output
P3.7
51
I/O
General-purpose I/O port 3 bit 7, Schmitt-trigger input 100
µA active pullup, open drain output
PUR
17
O
Pullup resistor connection pin (3-state) push-pull CMOS output (
±8 mA)
RST
13
I
Controller master reset signal, Schmitt-trigger input 100
µA active pullup
RSV
1, 4
Reserved (Do not connect these pins)
S2
8
I
VID/PID selection pin
S3
9
I
VID/PID selection pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com