Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3210PM Datasheet(PDF) 16 Page - Texas Instruments

Part # TUSB3210PM
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210PM Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB3210PM Datasheet HTML 12Page - Texas Instruments TUSB3210PM Datasheet HTML 13Page - Texas Instruments TUSB3210PM Datasheet HTML 14Page - Texas Instruments TUSB3210PM Datasheet HTML 15Page - Texas Instruments TUSB3210PM Datasheet HTML 16Page - Texas Instruments TUSB3210PM Datasheet HTML 17Page - Texas Instruments TUSB3210PM Datasheet HTML 18Page - Texas Instruments TUSB3210PM Datasheet HTML 19Page - Texas Instruments TUSB3210PM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
2–4
2.2.5
WDCSR: Watchdog Timer, Control, and Status Register
A watchdog timer (WDT) with 1ms clock is provided. If this register is not accessed for a period of 32ms, the WDT
counter will reset the MCU. (See Figure 2–3, Reset Diagram). When the IDL bit in PCON is set, the WDT will be
suspended until an interrupt is detected. At this point, the IDL bit will be cleared and the WDT will resume operation.
7
6
5
4
3
210
WDE
WDR
RSV
RSV
RSV
RSV
RSV
WDT
R/W
R/W
R/O
R/O
R/O
R/O
R/O
W/O
BIT
NAME
RESET
FUNCTION
0
WDT
0
MCU must write a 1 to this bit to prevent the WDT from resetting the MCU. If MCU does not write a 1 in a
period of 31ms, the WDT will reset the device. Writing a 0 has no effect on the WDT. (WDT is a 5-bit counter
using 1ms CLK). This bit is read as 0.
5–1
RSV
0
Reserved = 0
6
WDR
0
Watchdog reset indication bit. This bit indicates if the reset occurred due to power-on reset or watchdog
timer reset.
WDR = 0
A power-up or USB reset occurred.
WDR = 1
A watchdog timeout reset occurred. To clear this bit, the MCU must write a 1. Writing a 0 has no
effect.
7
WDE
0
Watchdog Timer Enable.
WDE = 0
This bit is cleared only on power-up, USB-reset (if enabled) or WDT reset.
WDE = 1
When MCU writes a 1 to this bit the WDT will start running. MCU cannot disable the WDT. Only
power up or USB reset (if enabled) can clear it. When MCU is in idle state (IDL = 1), the WDT is
suspended.
2.2.6
PCON: Power Control Register (at SFR 87h)
7
6
5
4
3
210
SMOD
RSV
RSV
RSV
GF1
GF0
RSV
IDL
R/W
R/O
R/O
R/O
R/W
R/W
R/O
R/W
BIT
NAME
RESET
FUNCTION
0
IDL
0
MCU idle mode bit. This bit can be set by MCU and is cleared only by INT1 interrupt.
IDL = 0
MCU is NOT in idle mode. This bit is cleared by INT1 interrupt logic when INT1 is asserted for
at least 400
µs.
IDL = 1
MCU is in idle mode and RAM is in low-power mode. The oscillator/APLL is off and the WDT
will be suspended. When in suspend mode, only INT1 can be used to exit from idle mode and
generate an interrupt. INT1 must be asserted for at least 400
µs for the interrupt to be
recognized.
1
RSV
0
Reserved
3–2
GF[1:0]
00
General-purpose bits. MCU can write and read them.
6–4
RSV
0
Reserved
7
SMOD
0
Double baud rate control bit. For more information see UART serial interface in M8052 core specification.
2.3
Buffers + I/O RAM Map
The address range from FD80 to FFFF is reserved for data buffers, setup packet, endpoint descriptor blocks (EDB),
and all I/O. RAM space of 512 bytes [FD80–FF7F] is used for EDB and buffers. The FF80–FFFF range is used for
memory mapped registers (MMR). Table 2–1 represents the internal XDATA space allocation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com