Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3210PM Datasheet(PDF) 29 Page - Texas Instruments

Part # TUSB3210PM
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210PM Datasheet(HTML) 29 Page - Texas Instruments

Back Button TUSB3210PM Datasheet HTML 25Page - Texas Instruments TUSB3210PM Datasheet HTML 26Page - Texas Instruments TUSB3210PM Datasheet HTML 27Page - Texas Instruments TUSB3210PM Datasheet HTML 28Page - Texas Instruments TUSB3210PM Datasheet HTML 29Page - Texas Instruments TUSB3210PM Datasheet HTML 30Page - Texas Instruments TUSB3210PM Datasheet HTML 31Page - Texas Instruments TUSB3210PM Datasheet HTML 32Page - Texas Instruments TUSB3210PM Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
2–17
Table 2–6. External Pins Mapping to S[3:0] in VIDSTA Register
PIN
VIDSTA REGISTER
COMMENTS
NO.
NAME
S[3:0]
COMMENTS
58
P3.0
S0
Dual function P3.0 I/O or S0 input
57
P3.1
S1
Dual function P3.1 I/O or S1 input
8
S2
S2
S2-pin is input
9
S3
S3
S3-pin is input
2.7
Function Reset and Power-Up Reset Interconnect
Figure 2–3 represents the logical connection of USB-function-reset (USBR) and power-up-reset (RST-pin). The
internal RESET signal is generated from the RST pin (PURS signal) or from the USB-reset (USBR signal). The USBR
can be enabled or disabled by the FRSTE bit in the USBCTL register (on power up FRSTE is = 0). The internal RESET
is used to reset all registers and logic, with the exception of the USBCTL and MISCTL registers. The USBCTL and
MCU configuration register (MCNFG) are cleared by PURS signal only.
WDT Reset
WDE
PURS
USBCTL Register
MCNFG Register
USB Function Reset
FRSTE
RESET
MCU
All Internal MMR
RST
USBR
Figure 2–3. Reset Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com