Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3210PM Datasheet(PDF) 33 Page - Texas Instruments

Part # TUSB3210PM
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210PM Datasheet(HTML) 33 Page - Texas Instruments

Back Button TUSB3210PM Datasheet HTML 29Page - Texas Instruments TUSB3210PM Datasheet HTML 30Page - Texas Instruments TUSB3210PM Datasheet HTML 31Page - Texas Instruments TUSB3210PM Datasheet HTML 32Page - Texas Instruments TUSB3210PM Datasheet HTML 33Page - Texas Instruments TUSB3210PM Datasheet HTML 34Page - Texas Instruments TUSB3210PM Datasheet HTML 35Page - Texas Instruments TUSB3210PM Datasheet HTML 36Page - Texas Instruments TUSB3210PM Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
2–21
2.9.4
Logical Interrupt Connection Diagram (INT0)
Figure 2–5 represents the logical connection of the interrupt sources and its relation with XINTO#. The priority
encoder generates an 8-bit vector, corresponding to 64 interrupt sources (not all are used). The interrupt priorities
are hard wired. Vector 4E is the highest and 00 is the lowest.
Interrupts
EX0
Priority
Encoder
Vector
Figure 2–5. Internal Vector Interrupt (EX0)
2.9.5
P2[7:0] Interrupt (INT1)
Figure 2–6 illustrates the conceptual Port-2 interrupt. All Port-2 input signals are connected in a logical OR to generate
INT1 interrupt. Note that the inputs are active low and INT1 is programed as an edge-triggered interrupt. In addition,
INT1 is connected to the suspend/resume logic for remote wake-up support. As illustrated, XINT-bit in MCU
configuration register (MCNFG) is used to select the EXI interrupt source. When XINT = 0, P3.3 is the source, and
when XINT = 1, P2[7:0] is the source.
Suspend/
Resume
Logic
P2[7:0]
P3.3
EX1
(INT1)
XINT-Bit
1
Figure 2–6. P2[7:0] Input Port Interrupt Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com