Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049K Datasheet(PDF) 18 Page - Texas Instruments

Part # SWCS049K
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049K Datasheet(HTML) 18 Page - Texas Instruments

Back Button SWCS049K Datasheet HTML 14Page - Texas Instruments SWCS049K Datasheet HTML 15Page - Texas Instruments SWCS049K Datasheet HTML 16Page - Texas Instruments SWCS049K Datasheet HTML 17Page - Texas Instruments SWCS049K Datasheet HTML 18Page - Texas Instruments SWCS049K Datasheet HTML 19Page - Texas Instruments SWCS049K Datasheet HTML 20Page - Texas Instruments SWCS049K Datasheet HTML 21Page - Texas Instruments SWCS049K Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 119 page
background image
18
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
5.10 Power References and Thresholds
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output reference voltage
(VREF terminal)
Device in active or low-
power mode
–1%
0.85
1%
V
Main battery charged
threshold VMBCH
(programmable)
Measured on VCCS
terminal
Triggering monitored
through NRESPRWON
VMBCH_SEL = 11000 to 11111
3.5
V
VMBCH_SEL = 10111
3.45
...
...
VMBCH_SEL = 01110
–2%
3
2%
...
...
VMBCH_SEL = 00101
2.55
VMBCH_SEL = 00001 to 00100
2.5
VMBCH_SEL = 00000
bypassed
Main battery charged
hysteresis threshold
VMBDCH
Measured on VCCS terminal
VMBCH –
100 mV
V
Main battery discharged
threshold VMBDCH2
(programmable)
Measured on VCC7
terminal (MTL)
Triggering monitored
through INT1
VMBDCH2_SEL = 11000 to 11111
3.5
V
VMBDCH2_SEL = 10111
3.45
...
...
VMBDCH2_SEL = 01110
–2%
3
2%
...
...
VMBDCH2_SEL = 00101
2.55
VMBDCH2_SEL = 00001 to 00100
2.5
VMBDCH2_SEL = 00000
bypassed
Main battery discharged
hysteresis threshold
VMBCH2
Measured on VCCS terminal
VMBDCH2
– 100 mV
V
Main battery low threshold
VMBLO
measured on VCC7 terminal (monitored on terminal
NRESPWRON)
2.5
2.6
2.7
V
(MB comparator)
MTL
2.4
2.5
2.6
Main battery high threshold
VMBHI
VBACKUP = 0 V, Measured on terminal VCC7
(MB comparator)
2.6
2.75
3
V
VBACKUP = 3.2 V, Measured on terminal VCC7
(trigger monitored though VCCS Idd, UPR comparator)
2.5
2.55
3
Main battery not present
threshold VBNPR
Measured on terminal VCC7
(Triggering monitored on terminal VRTC)
1.9
2.1
2.2
V
Ground current (analog
references + comparators +
backup battery switch)
VCCx = VBAT = 3.8 V
except VCC6 = 3.6 V
Device in OFF state
8
µA
Device in ACTIVE or SLEEP state
15
COMP2 consumption when
enabled
5
Buffer consumption if COMP1 or
COMP2 is active and buffer
enabled
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com