Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049K Datasheet(PDF) 14 Page - Texas Instruments

Part # SWCS049K
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049K Datasheet(HTML) 14 Page - Texas Instruments

Back Button SWCS049K Datasheet HTML 10Page - Texas Instruments SWCS049K Datasheet HTML 11Page - Texas Instruments SWCS049K Datasheet HTML 12Page - Texas Instruments SWCS049K Datasheet HTML 13Page - Texas Instruments SWCS049K Datasheet HTML 14Page - Texas Instruments SWCS049K Datasheet HTML 15Page - Texas Instruments SWCS049K Datasheet HTML 16Page - Texas Instruments SWCS049K Datasheet HTML 17Page - Texas Instruments SWCS049K Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 119 page
background image
14
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
External Component Recommendation (continued)
For crystal oscillator components, see Section 5.12.
If RTC domain is expected to be maintained after shutdown, VCC7 must have enough capacitance to ensure that when
supply is switched off, voltage does not fall at a rate faster than 10 mV/ms. This ensures that RTC domain data is maintained.
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
LDO5
Input capacitor CI(VCC4)
X5R or X7R dielectric
4.7
µF
Output filtering capacitor CO(LDO5)
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
m
Ω
LDO6
Input capacitor CI(VCC3)
X5R or X7R dielectric
4.7
µF
Output filtering capacitor CO(LDO6)
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
m
Ω
LDO7
Output filtering capacitor CO(LDO7)
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
m
Ω
LDO8
Output filtering capacitor CO(LDO8)
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
m
Ω
VRTC LDO
Input capacitor CI(VCC7)
X5R or X7R dielectric
4.7
µF
Output filtering capacitor CO(VRTC)
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
m
Ω
BACKUP BATTERY
Backup battery capacitor CBB
5
10
2000
mF
Series resistors
5 to 15 mF
10
1500
Ω
(1)
The internal pullups on the CTL-I2C and SR-I2C balls are used for test purposes or when the SR-I2C interface is not used. Discrete
pullups to the VIO supply must be mounted on the board in order to use the I2C interfaces. The internal I2C pullups must not be used for
functional applications.
5.6
I/O Pullup and Pulldown Characteristics
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SDA_SDI, SCL_SCK, SDASR_EN2,
SCLSR_EN1 external pullup resistor
Connected to VDDIO
1.2
k
Ω
SDA_SDI, SCL_SCK, SDASR_EN2,
SCLSR_EN1 Programmable pullup (DFT, default
inactive)
Grounded, VDDIO = 1.8 V
–45%
8
45%
k
Ω
SLEEP, PWRHOLD, programmable pulldown
(default active)
at 1.8 V, VRTC = 1.8 V
2
4.5
10
µA
NRESPWRON, NRESPWRON2 pulldown
at 1.8 V, VCC7 = 5.5 V, OFF state
2
4.5
10
µA
32KCLKOUT pulldown (disabled in ACTIVE-
SLEEP state)
at 1.8 V, VRTC = 1.8 V, OFF state
2
4.5
10
µA
PWRON programmable pullup (default active)
Grounded, VCC7 = 5.5 V
–40
–31
–15
µA
GPIO0-8 programmable pulldown (default active
except GPIO0)
at 1.8 V, VRTC = 1.8 V, OFF state
2
4.5
10
µA
GPIO0-8 external pullup resistor
Connected to VDDIO
–20%
120
20%
k
Ω
HDRST programmable pulldown (default active)
at 1.8 V, VRTC = 1.8 V
2
4.5
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com