Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049K Datasheet(PDF) 47 Page - Texas Instruments

Part # SWCS049K
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049K Datasheet(HTML) 47 Page - Texas Instruments

Back Button SWCS049K Datasheet HTML 43Page - Texas Instruments SWCS049K Datasheet HTML 44Page - Texas Instruments SWCS049K Datasheet HTML 45Page - Texas Instruments SWCS049K Datasheet HTML 46Page - Texas Instruments SWCS049K Datasheet HTML 47Page - Texas Instruments SWCS049K Datasheet HTML 48Page - Texas Instruments SWCS049K Datasheet HTML 49Page - Texas Instruments SWCS049K Datasheet HTML 50Page - Texas Instruments SWCS049K Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 119 page
background image
47
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Table 6-2. Boot Configuration: Power Sequence Control Bits
Register
Bit
Description
TPS65911x
Fixed Boot
EEPROM
Boot
VDD1_OP_REG/
VDD1_SR_REG
VDD1 voltage level selection for boot.
Levels available:
1.2 V
x
0.6/0.7/0.8/0.85/0.9/0.95/.../1.35/1.4/1.5 V
VDD1_REG
VGAIN_SEL
VDD1 gain selection, ×1 or ×2
×1
x
EEPROM
VDD1 time slot selection
3
x
DCDCCTRL_REG
VDD1_PSKIP
VDD1 pulse skip mode enable
Enable skip
x
VDD2_OP_REG/
VDD2_SR_REG
VDD2 voltage level selection for boot.
Levels available:
1.5 V
x
0.6/0.7/0.8/0.85/0.9/0.95/.../1.35/1.4/1.5 V
VDD2_REG
VGAIN_SEL
VDD2 gain selection, ×1 or ×3
×1
x
EEPROM
VDD2 time slot selection
6
x
DCDCCTRL_REG
VDD2_PSKIP
VDD2 pulse skip mode enable
Enable skip
x
VIO_REG
SEL[3:2]
VIO voltage selection
1.8 V
x
EEPROM
VIO time slot selection
4
x
DCDCCTRL_REG
VIO_PSKIP
VIO pulse skip mode enable
Enable skip
x
VDDCtrl_OP_REG/
VDDCtrl_SR_REG
VDDCtrl voltage level selection for boot.
Levels available:
Off
x
0.6/0.7/0.8/0.85/0.9/0.95/../1.35/1.4 V
EEPROM
VDDCtrl time slot selection
Off
x
LDO1_REG
SEL[7:2]
LDO1 voltage selection
1.05 V
x
EEPROM
LDO1 time slot
Off
x
LDO2_REG
SEL[7:2]
LDO2 voltage selection
1.2 V
x
EEPROM
LDO2 time slot
7
x
LDO3_REG
SEL[6:2]
LDO3 voltage selection
LDO3 voltage: 1 V
x
EEPROM
LDO3 time slot
Off
x
LDO4_REG
SEL[7:2]
LDO4 voltage selection
1.2 V
x
EEPROM
LDO4 time slot
2
x
LDO5_REG
SEL[6:2]
LDO5 voltage selection
LDO5 voltage: 1 V
x
EEPROM
LDO5 time slot
Off
x
LDO6_REG
SEL[6:2]
LDO6 voltage selection
LDO6 voltage: 1 V
x
EEPROM
LDO6 time slot
Off
x
LDO7_REG
SEL[6:2]
LDO7 voltage selection
1.2 V
x
EEPROM
LDO7 time slot
5
x
LDO8_REG
SEL[6:2]
LDO8 voltage selection
1.0 V
x
EEPROM
LDO8 time slot
7
x
CLK32KOUT pin
CLK32KOUT time slot
5
x
NRESPWRON, NRESPWRON2
pin
NRESPWRON time slot
10
x
GPIO0 pin
GPIO0 time slot
1
x
GPIO2 pin
GPIO2 time slot
Off
x
GPIO6 pin
GPIO6 time slot
6
x
GPIO7 pin
GPIO7 time slot
5
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com