Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049K Datasheet(PDF) 43 Page - Texas Instruments

Part # SWCS049K
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049K Datasheet(HTML) 43 Page - Texas Instruments

Back Button SWCS049K Datasheet HTML 39Page - Texas Instruments SWCS049K Datasheet HTML 40Page - Texas Instruments SWCS049K Datasheet HTML 41Page - Texas Instruments SWCS049K Datasheet HTML 42Page - Texas Instruments SWCS049K Datasheet HTML 43Page - Texas Instruments SWCS049K Datasheet HTML 44Page - Texas Instruments SWCS049K Datasheet HTML 45Page - Texas Instruments SWCS049K Datasheet HTML 46Page - Texas Instruments SWCS049K Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 119 page
background image
43
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
6
Detailed Description
6.1
Power Reference
The band-gap voltage reference is filtered by using an external capacitor connected across the VREF
output and the analog ground REFGND (see Section 5.3, Recommended Operating Conditions). The
VREF voltage is distributed and buffered inside the device.
6.2
Power Resources
The power resources provided by the TPS65911x device include inductor based switched mode power
supplies (SMPSs) and linear low-dropout voltage regulators (LDOs). These supply resources provide the
required power to the external processor cores and external components, and to modules embedded in
the TPS65911x device.
Two of the integrated SMPSs and the external FET SMPS have voltage scaling capability. These SMPSs
provide independent core voltage domains to the host processor. When changing the output voltage,
VDD1 and VDD2 reach the new value through successive steps of 2.5 to 12.5 mV. The size of the voltage
step is selected by the TSTEP bit. VDDCtrl has a target slew rate of 100 mV/20 µs. New output values are
reached in successive smaller steps of N × LSB, LSB = 12.5 mV, N = 1 to 4. A suitable combination of
steps is calculated internally based on current and new target value for output voltage.
The VIO SMPS provides supply voltage for the host processor I/Os.
Table 6-1 lists the power sources provided by the TPS65911x device.
Table 6-1. Power Sources
RESOURCE
TYPE
VOLTAGES
POWER
VIO
SMPS
1.5 V
1300 mA
1.8 V
1200 mA
2.2 or 3.3 V
1100 mA
VDD1
SMPS
0.6 to 2.2 V
1500 mA
3.2 V
1200 mA
1.2 or 1.35 or 1.5 V (VINmin = 3 V)
2000 mA
0.6 ... 1.5 V in 12.5-mV steps
Programmable multiplication factor: ×2, ×3. Maximum output 3.3 V
VDD2
SMPS
0.6 to 1.5 V
1500 mA
2.2 / 3.2 V
1200 mA
0.6 ... 1.5 V in 12.5-mV steps
Programmable multiplication factor: ×2, ×3. Maximum output 3.3 V
VDDCtrl
SMPS
0.6 … 1.4 V in 12.5-mV steps
External component
dependent
LDO1
LDO
1.0–3.3 V, 0.05-V step
320 mA
LDO2
LDO
1.0–3.3 V, 0.05-V step
320 mA
LDO3
LDO
1.0–3.3 V, 0.1-V step
200 mA
LDO4
LDO
1.0–3.3 V, 0.05-V step
50 mA
LDO5
LDO
1.0–3.3 V, 0.1-V step
300 mA
LDO6
LDO
1.0–3.3 V, 0.1-V step
300 mA
LDO7
LDO
1.0–3.3 V, 0.1-V step
300 mA
LDO8
LDO
1.0–3.3 V, 0.1-V step
300 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com