Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049K Datasheet(PDF) 3 Page - Texas Instruments

Part # SWCS049K
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049K Datasheet(HTML) 3 Page - Texas Instruments

  SWCS049K Datasheet HTML 1Page - Texas Instruments SWCS049K Datasheet HTML 2Page - Texas Instruments SWCS049K Datasheet HTML 3Page - Texas Instruments SWCS049K Datasheet HTML 4Page - Texas Instruments SWCS049K Datasheet HTML 5Page - Texas Instruments SWCS049K Datasheet HTML 6Page - Texas Instruments SWCS049K Datasheet HTML 7Page - Texas Instruments SWCS049K Datasheet HTML 8Page - Texas Instruments SWCS049K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 119 page
background image
SWCS049-001
VFB2
PWRON
VREF
Test interface
CLK32KOUT
3
OSC32KIN
OSC32KOUT
TESTV
SLEEP
NRESPWRON
PWRDN
BOOT1
(LDO)
SDA_SDI
VRTC
and POR
(LDO)
BACKUP
Mgmt
3
(SMPS)
5V
VCC6
VCC3
VCC5
VCC7
VDDIO
AGND
AGND
REFGND
OSC
32-kHz
SCL_SCK
I C
2
C
BB
LDO1
320 mA
LDO2
LDO7
LDO8
LDO3
200 mA
LDO3
LDO4
3
(SMPS)
LDO5
VCC4
VCCS
Watchdog
Analog
references
TRIP
DRVH
DRVL
SW
VOUT
V5IN
GNDC
VBST
NRESPWRON2
HDRST
REFGND
VFB
PWRHOLD
LDO2
320 mA
LDO4
50 mA
LDO5
300 mA
LDO8
300 mA
LDO7
300 mA
LDO6
LDO6
300 mA
EN1
EN2
I C
2
VDD1
VDD2
VIO
Rtrip
C
C
1
boost
CV5IN
Co
CVIN
GPIO0
GPIO1
GPIO2
GPIO3
GPIO4
GPIO5
GPIO6
GPIO7
GPIO8
INT1
1 to 3.3 V,
50-mV step
1 to 3.3 V,
100-mV step
1 to 3.3 V,
100-mV step
COMP
1
COMP
2
VCC1
SW1
GND1
VFB1
VCC2
SW2
GND2
3
VRTC
VCCIO
SWIO
GNDIO
VFBIO
LDO1
VDDIO
1 to 3.3 V,
50-mV step
1 to 3.3 V,
50-mV step
1 to 3.3 V,
100-mV step
1 to 3.3 V,
100-mV step
1 to 3.3 V,
100-mV step
Real
time
clock
Bus
control
Power
control
state
machine
0.6 to 1.5 V,
12.5-mV step
0.6 to 1.5 V,
12.5-mV step,
1.5 A
0.6 to 1.4 V,
12.5-mV step
Controller
1.5 A @ 0.6 to 1.5 V*
1.5 A @ 0.6 to 2.2 V*
1.3 A @ 1.5 V
1.2 A @ 1.8 V
1.1 A @ 2.2 and 3.3 V
Copyright © 2016, Texas Instruments Incorporated
3
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Device Overview
Copyright © 2010–2016, Texas Instruments Incorporated
1.4
Functional Block Diagram
Figure 1-1 shows the top-level diagram of the device.
* For details on supported levels, see Section 5.16, Section 5.17, and Table 6-1.
Figure 1-1. Top-Level Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com