Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049K Datasheet(PDF) 50 Page - Texas Instruments

Part # SWCS049K
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049K Datasheet(HTML) 50 Page - Texas Instruments

Back Button SWCS049K Datasheet HTML 46Page - Texas Instruments SWCS049K Datasheet HTML 47Page - Texas Instruments SWCS049K Datasheet HTML 48Page - Texas Instruments SWCS049K Datasheet HTML 49Page - Texas Instruments SWCS049K Datasheet HTML 50Page - Texas Instruments SWCS049K Datasheet HTML 51Page - Texas Instruments SWCS049K Datasheet HTML 52Page - Texas Instruments SWCS049K Datasheet HTML 53Page - Texas Instruments SWCS049K Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 119 page
background image
50
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
6.3.3.4
NRESPWRON, NRESPWRON2
The NRESPWRON signal is used as the reset to the processor and is in the VDDIO domain. It is held low
until the ACTIVE state is reached. See Section 5.23.1, Switch-ON and Switch-OFF Sequences and
Timing, to get detailed timing.
The NRESPWRON2 signal is a second reset output. It follows the state of NRESPWRON but has an
open-drain output with external pullup. The supply for the external pullup must not be activated before the
TPS65911x device is in control of the output state (that is, not earlier than during first power-up sequence
slot). In off mode, the NRESPWRON2 output has weak internal pulldown.
6.3.3.5
CLK32KOUT
This signal is the output of the 32K oscillator, which can be enabled or not during the power-on sequence,
depending on the boot mode. It can be enabled and disabled by register bit, during the ACTIVE state of
the device. The CLK32KOUT output can also be enabled or not during the SLEEP state of the device
depending on the programming of the SLEEPMASK register.
6.3.3.6
PWRON
The PWRON input is connected to an external button. If the device is in the OFF or SLEEP state, a
debounced falling edge (PWRON input low for minimum of 100 ms) causes an OFF-to-ACTIVE state or a
SLEEP-to-ACTIVE state transition of the device. If the device is in active mode, then a low level on this
signal generates an interrupt. If the PWRON signal is low for more than the PWON_TO_OFF_DELAY
delay and the corresponding interrupt is not acknowledged by the processor within 1 second, the device
goes into the OFF state. See Figure 5-2 and Figure 5-3 for PWRON behavior.
6.3.3.7
INT1
The INT1 signal (default active low) warns the host processor of any event that has occurred on the
TPS65911x device. The host processor can then poll the interrupt from the interrupt status register
through I2C to identify the interrupt source. A low level (default setting) indicates an active interrupt,
highlighted in the INT_STS_REG register. The polarity of INT1 can be set programming the IT_POL
control bit. INT1 flag active is a POWER ON enable condition during a fixed delay, tDOINT1 (only), when the
device is in the OFF state (when NRESPWRON is low).
Any of the interrupt sources can be masked programming the INT_MSK_REG register. When an interrupt
is masked its corresponding interrupt status bit is still updated, but the INT1 flag is not activated. Interrupt
source masking can be used to mask a device switch-on event. Because interrupt flag active is a POWER
ON enable condition, during tDOINT1 delay, any interrupt not masked must be cleared to allow immediate
turn off of the device.
For a description of interrupt sources, see Table 6-5.
6.3.3.8
EN2 and EN1
EN2 and EN1 are the data and clock signals of the serial control interface dedicated to voltage scaling
applications.
These signals can also be programmed to be used as enable signals of one or several supplies, when the
device is on (NRESPWRON high). A resource assigned to EN2 or EN1 control automatically disables the
serial control interface.
Programming EN1_LDO_ASS_REG, EN2_LDO_REG, and SLEEP_KEEP_LDO_ON_REG registers: EN1
and EN2 signals can be used to control the turn on/off or SLEEP state of any LDO-type supplies.
Programming EN1_SMPS_ASS_REG, EN2_SMPS_ASS_REG, and SLEEP_KEEP_RES_ON registers:
EN1 and EN2 signals can be used to control the turn on/off or LOW-POWER state (PFM mode) of SMPS-
type supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com