Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049K Datasheet(PDF) 84 Page - Texas Instruments

Part # SWCS049K
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049K Datasheet(HTML) 84 Page - Texas Instruments

Back Button SWCS049K Datasheet HTML 80Page - Texas Instruments SWCS049K Datasheet HTML 81Page - Texas Instruments SWCS049K Datasheet HTML 82Page - Texas Instruments SWCS049K Datasheet HTML 83Page - Texas Instruments SWCS049K Datasheet HTML 84Page - Texas Instruments SWCS049K Datasheet HTML 85Page - Texas Instruments SWCS049K Datasheet HTML 86Page - Texas Instruments SWCS049K Datasheet HTML 87Page - Texas Instruments SWCS049K Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 119 page
background image
84
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Table 6-54. BBCH_REG (continued)
Type
RW
7
6
5
4
3
2
1
0
Reserved
BBSEL
BBCHEN
Bits
Field Name
Description
Type
Reset
7:3
Reserved
Reserved bit
RO
R returns
0s
0x00
2:1
BBSEL
Back up battery charge voltage selection:
BBSEL[1:0] = 00: 3.0 V
BBSEL[1:0] = 01: 2.52 V
BBSEL[1:0] = 10: 3.15 V
BBSEL[1:0] = 11: VBAT
RW
0x0
0
BBCHEN
Back up battery charge enable
RW
0
Table 6-55. DCDCCTRL_REG
Address Offset
0x3E
Physical Address
Instance
RESET DOMAIN:
bits [7:3]: TURNOFF OFF RESET
bits [2:0]: GENERAL RESET
Description
DCDC control register
Type
RW
7
6
5
4
3
2
1
0
Reserved
TRACK
VDD2_PSKIP
VDD1_PSKIP
VIO_PSKIP
DCDCCKEXT
DCDCCKSYNC
Bits
Field Name
Description
Type
Reset
7
Reserved
Reserved bit
RO
R returns
0s
0
6
TRACK
1: Tracking mode: LDO4 output follows VDD1 setting when VDD1 active.
See Section 6.3.3.14 for more information.
RW
0
0: Normal LDO operation without tracking
5
VDD2_PSKIP
VDD2 pulse skip mode enable (EEPROM bit)
Default value: See boot configuration
RW
1
4
VDD1_PSKIP
VDD1 pulse skip mode enable (EEPROM bit)
Default value: See boot configuration
RW
1
3
VIO_PSKIP
VIO pulse skip mode enable (EEPROM bit)
Default value: See boot configuration
RW
1
2
DCDCCKEXT
This signal control the muxing of the GPIO2 pad:
When 0: this pad is a GPIO
When 1: this pad is used as input for an external clock used for the
synchronisation of the DCDCs
RW
0
1:0
DCDCCKSYNC
DCDC clock configuration:
DCDCCKSYNC[1:0] = 00: no synchronization of DCDC clocks
DCDCCKSYNC[1:0] = 01: DCDC synchronous clock with phase shift
DCDCCKSYNC[1:0] = 10: no synchronization of DCDC clocks
DCDCCKSYNC[1:0] = 11: DCDC synchronous clock
RW
0x1
Table 6-56. DEVCTRL_REG
Address Offset
0x3F
Physical Address
Instance
(RESET DOMAIN: GENERAL
RESET)
Description
Device control register
Bit 0,1, and 3 : TURN OFF RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com