Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049K Datasheet(PDF) 49 Page - Texas Instruments

Part # SWCS049K
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049K Datasheet(HTML) 49 Page - Texas Instruments

Back Button SWCS049K Datasheet HTML 45Page - Texas Instruments SWCS049K Datasheet HTML 46Page - Texas Instruments SWCS049K Datasheet HTML 47Page - Texas Instruments SWCS049K Datasheet HTML 48Page - Texas Instruments SWCS049K Datasheet HTML 49Page - Texas Instruments SWCS049K Datasheet HTML 50Page - Texas Instruments SWCS049K Datasheet HTML 51Page - Texas Instruments SWCS049K Datasheet HTML 52Page - Texas Instruments SWCS049K Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 119 page
background image
49
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Table 6-3. Boot Configuration: General Control Bits (continued)
Register
Bit
Description
TPS65911x
Fixed Boot
EEPROM Boot
EEPROM
AUTODEV_ON
0: PWRHOLD pin is used as PWRHOLD
feature.
1, PWRHOLD
pin is GPI
x
1: PWRHOLD pin is GPI. After power on,
DEV_ON set high internally, no processor
action needed to maintain supplies.
EEPROM
PWRDN_POL
0: PWRDN signal will be active-low.
Active-low
x
1: PWRDN signal will be active-high.
6.3.3
Control Signals
6.3.3.1
SLEEP
When none of the device SLEEP-disable conditions are met, a falling edge (default, or rising edge,
depending on the programmed polarity) of this signal causes an ACTIVE-to-SLEEP state transition of the
device. A rising edge (default, or falling edge, depending on the programmed polarity) causes a transition
back to the ACTIVE state. This input signal is level-sensitive and no debouncing is applied.
While the device is in the SLEEP state, predefined resources are automatically set in their low-power
mode or off. Resources can be kept in their active mode (full-load capability) by programming the
SLEEP_KEEP_LDO_ON and the SLEEP_KEEP_RES_ON registers. These registers contain 1 bit per
power resource. If the bit is set to 1, then that resource stays in active mode when the device is in the
SLEEP state.
32KCLKOUT is also included in the SLEEP_KEEP_RES_ON register and the 32-kHz clock output is
maintained in the SLEEP state if the corresponding mask bit is set.
The status (low or high) of GPO0, GPO6, GPO7, and GPO8 are also controlled by the SLEEP signal, to
allow enabling and disabling of external resources during sleep.
6.3.3.2
PWRHOLD
The PWRHOLD pin can be used as a PWRHOLD signal input or as a general purpose input (GPI). The
mode is selected by the AUTODEV_ON bit, which is part of the boot configuration. When
AUTODEV_MODE = 0, the PWRHOLD feature is selected.
Configured as PWRHOLD, when none of the device POWER ON disable conditions are met, a high level
of this signal causes an OFF-to-ACTIVE state transition of the device and a low level causes a transition
back to the OFF state.
This input signal is level-sensitive and no debouncing is applied. The rising and/or falling edge of
PWRHOLD is highlighted through an associated interrupt if interrupt is unmasked.
When AUTODEV_ON = 1, the pin is used as a GPI. As a GPI, this input can generate a maskable
interrupt from a rising or falling edge of the input. When AUTODEV_ON = 1, a rising edge of
NRESPWRON also automatically sets the DEV_ON bit to 1 to maintain supplies after the switch-on
sequence, thus removing the need for the processor to set the PWRHOLD signal or the DEV_ON bit.
6.3.3.3
BOOT1
This signal determines with which processor the device is working and, hence, which power-up sequence
is needed. For more details, see Section 5.23.1, Switch-ON and Switch-OFF Sequences and Timing.
There is no debouncing on this input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com