Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M02011 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # M02011
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02011 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  M02011 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
M02011
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
5
CMOS Transimpedance Amplifier with AGC
for Fiber Optic Networks up to 622 Mbps
Rev V5
1.5
Dynamic Characteristics
Table 1-5.
Dynamic Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
G
Transimpedance
• Single ended
• Differential
26.5
53
32.5
65
38
76
k
Ω
BW
Bandwidth to –3 dB point @ –33 dBm, 0.9A/W, 0.5 pF PD
450
600
—
MHz
Bandwidth to –3 dB point @ –33 dBm, 0.9A/W, 1 pF PD
—
460
—
RC
AGC loop time constant
—
2
—
µs
IAGC
AGC threshold
—
5
—
µAPP
IOVL
Maximum functional input current
3.6 (1)
——
mA
PSRR
Power supply rejection, f < 1 MHz
—
22
—
dB
NOTES:
1.
Equivalent to +3.4 dBm input optical power at Extinction Ratio = 10, Responsivity = 1.0 A/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com