Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M02011 Datasheet(PDF) 16 Page - M/A-COM Technology Solutions, Inc.

Part # M02011
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02011 Datasheet(HTML) 16 Page - M/A-COM Technology Solutions, Inc.

Back Button M02011 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 19Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 20Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
M02011
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
16
CMOS Transimpedance Amplifier with AGC
for Fiber Optic Networks up to 622 Mbps
Rev V5
4.5
Treatment of PINK
PINK requires bypassing to ground with a capacitor when powering a photo diode. If PINK is not used to bias the
photo diode, then it is not necessary to bypass an unused PINK.
Figure 4-3.
Typical Layout Diagram with Photodiode Mounted on TOCAN base (5 pin TOCAN)
NOTE:
Typical application inside of a five lead TO-Can.
Only one of the VCC pads and all of the GND pads need to be connected. The backside must be connected to the lowest potential, usually ground, with conductive
epoxy or a similar die attach material. If a monitor output is not required then a four lead TO-Can may be used.
VCC
MON
DOUT
DOUTB
1nF
470pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com