Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M02011 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # M02011
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02011 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  M02011 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
M02011
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
4
CMOS Transimpedance Amplifier with AGC
for Fiber Optic Networks up to 622 Mbps
Rev V5
1.3
DC Characteristics
1.4
AC Characteristics
Table 1-3.
DC Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
VB
Photodiode bias voltage (PINK – PINA)
1.7
2.0
2.2
V
VCM
Common mode output voltage
0.7
1
1.3
V
ICC
Supply current (no loads)
20
28
35
mA
RLOAD
Recommended differential output loading
85
100 (1)
—W
NOTE:
1.
100
Ω is the load presented by the limiting amplifier.
Table 1-4.
AC Characteristics
Symbol
Parameter
Condition
Min.
Typ.(1)
Max.
Units
ROUT
Output impedance (single ended)
30
50
70
W
LFC
Low frequency cutoff (2)
—13
17
kHz
VD
Differential output voltage
100
Ω differential load
—
250
450
mV
DCD
Duty cycle distortion (3)
622 Mbps
—
—
80
ps
DJ
Deterministic jitter (includes DCD) (3)
622 Mbps, 223 – 1 PRBS
—
—
120
psPP
PDJ
Pattern Dependant Jitter (at crossing point),
with no DCD
622 Mbps, 223 – 1 PRBS
—
—
55
psPP
In, rms
Total input RMS noise
DC to 467 MHz (Bessel Filter),
Cin = 0.5 pF
—50
60
nA
Total input RMS noise
DC to 467 MHz (Bessel Filter),
Cin = 1 pF
—56
70
nA
PIN_mean_min
Optical Sensitivity (4)
–33
–34
—
dBm
Imon_off
Monitor Output Offset (5)
VMON = 0 to 2V
—
—
1.3
µA
Imon_ratio
Monitor Output Gain Ratio (5)
VMON = 0 to 2V
—
0.7
—
—
Imon_error
Monitor Output Accuracy (3, 5)
VMON = 0 to 2V
—
—
±2
dB
NOTES:
1.
Die designed to operate over an ambient temperature range of –40°C to +85°C, TA and VCC range from 3.0 – 3.6V. Typical values are tested at
TA = 25° C and VCC = 3.3V.
2.
Input –33 dBm, Extinction Ratio = 10, Temp = 25°C.
3.
Input current < 1 mA average.
4.
BER 10–10, PD capacitance = 0.5 pF, Responsivity 0.9 A/W, Extinction Ratio = 10, Temp = 25°C.
5.
Offset and slope adjustment necessary to achieve rated accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com