Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M02011 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M02011
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02011 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M02011 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M02011
1
CMOS Transimpedance Amplifier with AGC
for Fiber Optic Networks up to 622 Mbps
Rev V5
Applications
•APON
•BPON
•ATM/SONET
The M02011 is a CMOS transimpedance amplifier with AGC. The AGC gives a wide dynamic range of 40 dB. The
high transimpedance gain of 66 k
Ω ensures good sensitivity.
For optimum system performance, the M02011 die should be mounted with a GaAs or InGaAs PIN photodetector
inside a lensed TO-Can or other optical sub-assembly.
The M02011 can either bias the PIN diode from the internal regulator, or use an externally biased PIN diode.
A replica of the average photodiode current is available at the MON pad for photo-alignment and 'Loss of Signal'
monitoring.
Features
• Typical –34 dBm sensitivity, +6 dBm saturation at 622 Mb/s when used with 0.9
A/W InGaAs PIN.
(Cpd
≤ 0.5 pF, BER 10–10)
• Typical differential transimpedance: 65 k
Ω
• Fabricated in standard CMOS
• Differential output
• Standard +3.3 Volt supply
• Available in die form only
• Monitor output
• AGC provides dynamic range of 40 dB
• Internal or external bias for photodiode
• PIN or APD sensor
• Same pad layout and die size as M02013/14/15/16
Typical Applications Diagram
PINA
DOUT
DOUTB
VCC
PINK
470 pF
1 nF
Monitor Output
Rm
Typically
AC-Coupled
to Limiting
Amplifier
Limiting
Amplifier
M02011


Similar Part No. - M02011

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
3.2 Gbps Transimpedance Amplifier with AGC
M02013 MA-COM-M02013_15 Datasheet
333Kb / 21P
CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
M02014 MA-COM-M02014 Datasheet
343Kb / 19P
CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 2.5 Gbps
M02015 MA-COM-M02015 Datasheet
354Kb / 29P
Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon Output and AGC for Fiber
M02016 MA-COM-M02016 Datasheet
360Kb / 20P
CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
More results

Similar Description - M02011

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA01504 ANADIGICS-ATA01504 Datasheet
204Kb / 8P
AGC Transimpedance Amplifier
Rev 1
logo
M/A-COM Technology Solu...
02009-DSH-001-D MA-COM-02009-DSH-001-D Datasheet
302Kb / 19P
Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
02011-DSH-001-C MA-COM-02011-DSH-001-C Datasheet
306Kb / 21P
CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02013-DSH-001-G MA-COM-02013-DSH-001-G Datasheet
288Kb / 20P
CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
02016-DSH-001-G MA-COM-02016-DSH-001-G Datasheet
323Kb / 19P
CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
M02015 MA-COM-M02015 Datasheet
354Kb / 29P
Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon Output and AGC for Fiber
M02014 MA-COM-M02014 Datasheet
343Kb / 19P
CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 2.5 Gbps
M02016 MA-COM-M02016 Datasheet
360Kb / 20P
CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
M02009 MA-COM-M02009 Datasheet
302Kb / 19P
Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
M02013 MA-COM-M02013_15 Datasheet
333Kb / 21P
CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com