Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M02011 Datasheet(PDF) 18 Page - M/A-COM Technology Solutions, Inc.

Part # M02011
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02011 Datasheet(HTML) 18 Page - M/A-COM Technology Solutions, Inc.

Back Button M02011 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 19Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 20Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 21Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 22Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
M02011
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
18
CMOS Transimpedance Amplifier with AGC
for Fiber Optic Networks up to 622 Mbps
Rev V5
4.6.1
Assembly
The M02011 is designed to work with a wirebond inductance of 1 nH ± 0.25 nH. Many existing TO-Can
configurations will not allow wirebond lengths that short, since the PIN diode submount and the TIA die are more
than 1 mm away in the vertical direction, due to the need to have the PIN diode in the correct focal plane. This can
be remedied by raising up the TIA die with a conductive metal shim. This will effectively reduce the bond wire
length. Refer to Figure 4-4 for details.
MACOM recommends ball bonding with a 1 mil (25.4 µm) gold wire. For performance reasons the PINA pad is
smaller than the others and also has less via material connected to it. It therefore requires more care in setting of
the bonding parameters. For the same reason PINA has no ESD protection.
In addition, please refer to the MACOM Product Bulletin (document number 0201x-PBD-002-A). Care must be
taken when selecting chip capacitors, since they must have good low ESR characteristics up to 1.0 GHz. It is also
important that the termination materials of the capacitor be compatible with the attach method used.
For example, Tin/Lead (Pb/Sn) solder finish capacitors are incompatible with silver-filled epoxies. Palladium/Silver
(Pd/Ag) terminations are compatible with silver filled epoxies. Solder can be used only if the substrate thick-film
inks are compatible with Pb/Sn solders.
4.6.2
Recommended Assembly Procedures
For ESD protection the following steps are recommended for TO-Can assembly:
•
Ensure good humidity control in the environment (to help minimize ESD).
•
Consider using additional ionization of the air (also helps minimize ESD).
•
As a minimum, it is best to ensure that the body of the TO-Can header or the ground lead of the header is
grounded through the wire-bonding fixture for the following steps. The wire bonder itself should also be
grounded.
1. Wire bond the ground pad(s) of the die first.
2. Then wire bond the VCC pad to the TO-Can lead.
3. Then wire bond any other pads going to the TO-Can leads (such as DOUT, DOUT and possibly MON)
4. Next wire bond any capacitors inside the TO-Can.
5. Inside the TO-Can, wire bond PINK.
6. The final step is to wire bond PINA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com