Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M02011 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # M02011
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02011 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  M02011 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M02011
3
CMOS Transimpedance Amplifier with AGC
for Fiber Optic Networks up to 622 Mbps
Rev V5
1.0 Product Specification
1.1
Absolute Maximum Ratings
These are the absolute maximum ratings at or beyond which the IC can be expected to fail or be damaged.
Reliable operation at these extremes for any length of time is not implied.
1.2
Recommended Operating Conditions
Table 1-1.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VCC
Power supply (VCC-GND)
-0.4 to +4
V
TA
Operating ambient
-40 to +95
°C
TSTG
Storage temperature
-65 to +150
°C
IIN
PINA Input current
8 (1, 2)
mAPP
VPINA
Maximum input voltage at PINA
-0.4 to +2.0 (2)
V
IPINK
Maximum average current sourced out of PINK
10
mA
VPINK, VDout,
VDoutB,VAGC,
VMON
Maximum input voltage at PINK, Dout, DoutB, AGC and MON
-0.4 to Vcc +0.4
V
IDout, IDoutB
Maximum average current sourced out of Dout and DoutB
10
mA
NOTES:
1.
Equivalent to 4.9 mA average current.
2.
Do not exceed either the IIN or VPINA rating. PINA damage will result in performance degradation which is difficult to detect.
Table 1-2.
Recommended Operating Conditions
Symbol
Parameter
Rating
Units
VCC
Power supply (VCC – GND)
3.3 ± 10%
V
CPD
Max. Photodiode capacitance (Vr = 1.8 V), for 622 Mbps data rate
1.0
pF
TA
Operating ambient temperature
–40 to +95
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com