Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M02011 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M02011
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02011 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M02011 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
M02011
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
2
CMOS Transimpedance Amplifier with AGC
for Fiber Optic Networks up to 622 Mbps
Rev V5
Ordering Information
Part Number
Package
Operating Temperature
M02011-XX*
Waffle Pack
–40 °C to 95 °C
M02011-XX*
Expanded whole wafer on a ring
–40 °C to 95 °C
NOTE:
*For full ordering number please contact sales
Revision History
Revision
Level
Date
Description
V5
Released
May 2015
Updated logos and page layout. No content changes.
D (V4)
Released
August 2007
Production release. Revised Absolute Maximum Ratings Table, Table 1-1.
C (V3)
Released
May 2007
Production release. Increased max operating temperature, updated specifications based on full
device characterization and included information on assembly, IMON and using the device with
externally biased detectors in the Applications Information section.
Pad Configuration
MON
PINA
PINK
V
CC
AGC
DOUT
GND
GND
DOUTGND
1
2
3
4
56
7
8
9
10
11
12
V
CC
DOUT
DOUTGND
Die size
≈ 1090 x 880 µm
Top Level Diagram
PINK
MON
V
CC
DOUT
DOUTB
AGC
GND
PINA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com