Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M02011 Datasheet(PDF) 21 Page - M/A-COM Technology Solutions, Inc.

Part # M02011
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02011 Datasheet(HTML) 21 Page - M/A-COM Technology Solutions, Inc.

Back Button M02011 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 19Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 20Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 21Page - M/A-COM Technology Solutions, Inc. M02011 Datasheet HTML 22Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M02011
21
CMOS Transimpedance Amplifier with AGC
for Fiber Optic Networks up to 622 Mbps
Rev V5
5.0 Die Specification
Figure 5-1.
Bare Die Layout
Pad
Number
Pad
X
Y
1
AGC
–329
–76
2 (1)
VCC
–329
–228
3
PINK
–124
–434
4
PINA
124
–434
5 (1)
VCC
329
–228
6MON
329
–76
7DOUT
329
76
8 (1)
DOUTGND
329
228
9c (1, 2)
GND
329
360
9b (1, 2)
GND
255
434
9a (1, 2)
GND
124
434
10a (1, 2)
GND
–124
434
10b (1, 2)
GND
–255
434
10c (1, 2)
GND
–329
360
11 (1)
DOUTGND
–329
228
12
DOUT
–329
76
NOTES:
1.
It is only necessary to bond one VCC pad and one
GND pad. However, bonding one of each pad (if
available) on each side of the die is encouraged
for improved performance in noisy environ-
ments.
2.
Each location is an acceptable bonding location.
Notes:
Process technology: CMOS, Silicon Nitride passivation
Die thickness: 300 µm
Pad metallization: Aluminium
Die size: 880 µm x 1090
Pad opening: 86 µmsq.
Octagonal pad: 70 µm across flat PINA (70 µm x 70 µm)
Pad Centers in µm referenced to center of device
Connect backside bias to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com