Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP507 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP507
Description  Multi-Protocol Serial Transceivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP507 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP507 Datasheet HTML 7Page - Sipex Corporation SP507 Datasheet HTML 8Page - Sipex Corporation SP507 Datasheet HTML 9Page - Sipex Corporation SP507 Datasheet HTML 10Page - Sipex Corporation SP507 Datasheet HTML 11Page - Sipex Corporation SP507 Datasheet HTML 12Page - Sipex Corporation SP507 Datasheet HTML 13Page - Sipex Corporation SP507 Datasheet HTML 14Page - Sipex Corporation SP507 Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11
SP505/6/7APN/03
SP505, SP506, SP507 Application Note
© Copyright 2000 Sipex Corporation
SP506 and SP507 Drive Capability
According to the ITU-T V.11 standard, the maximum
cable length for a differential V.11 transmission is
4,000 feet (~1,000 meters). However, the standard
also illustrates a derating graph of data rate versus
cable length. So actually in a real application, the
system would not be able to transmit 10Mbps over
the full 4,000 feet of Category 3 or similar type cable.
As cable parasitics add up over longer cable lengths,
capacitance and other affects will degrade the signal,
especially at higher frequencies.
The signal integrity depends mainly on the driver
output strength or "drivability" and parasitic
capacitance on the cable. RS-232 cabling is typically
50pF per foot, where as a good twisted pair type
cable for X.21, RS-449, EIA-530, or V.35 will
typically be 10pF per foot or less. Some better quality
cables will have 3-5pF per foot.
Using a typical setup with a TTC Fireberd 6000A Bit
Error Rate Tester (BERT) connected with our SP507
evaluation board as configured in Figure 8 below,
the driver output performance was characterized
over various cable lengths. The 6000A BERT
emulated the DCE, which provided the TXC clock
pulse from 1.544Mbps to 12Mbps. The clock waveform
was propagated through the serial cable to the SP507
evaluation board, which was configured as the DTE.
The clock signal was then "echoed" through the
TxCE (Transmit Clock Echo) driver across the cable
and back the BERT. The clock signal input to the
TxCE driver (CH3) and the differential driver output
are measured with a oscilloscope to observe driver
waveform integrity. The differential driver output
was measured at the other end of the cable (M1 =
A - B), as if the receiver would view the incoming
signal. The data stream was generated by the DCE
and was propagated through the SP507's RxC
receiver and TxCE driver. The BERT also records
the number of bit errors occurring during the infinite
1:1 data bit stream that is sent back through the cable.
Figure 8. SP507 Cable Length Versus Throughput Circuit Configuration
22
µF22µF
22
µF
27 26
30
28
31
32
MBRS140T3
VCC
VDD
C1-
C2-
VSS
C1+
C2+
22
µF
61
59
SP507CF
TxD
14
58
56
DTR
13
54
52
RTS
16
63
65
TxCE
15
42
44
ST
22
47
45
RL
17
51
49
LL
24
70
71
RxD
1
37
38
RxC
20
66
67
CTS
80
68
69
DSR
78
35
36
DCD
19
39
40
TM
21
76
77
SCT
79
10
µF
M0
M1
M2
10
11
12
STEN
RREN
RTEN
Various GND pins (Refer to SP507 Datasheet)
TMEN
SCTEN
LLEN
RLEN
TTEN
2
3
7
4
5
18
6
23
+5V
LATCH
8
GND
+5V
+5V
Fireberd 6000A
Network/BER Tester
TxD
RxD
DTR
DSR
CTS
DCE (emulated)
DTE (Evaluation Board)
CH3
M1
RTS
RxC
DCD
TxC
TxC
Notes: V.35 Mode selected.
Open Driver Inputs
are default as HIGH.
“1”
“0”
“0”
Signal GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com