Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP507 Datasheet(PDF) 26 Page - Sipex Corporation

Part # SP507
Description  Multi-Protocol Serial Transceivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP507 Datasheet(HTML) 26 Page - Sipex Corporation

Back Button SP507 Datasheet HTML 22Page - Sipex Corporation SP507 Datasheet HTML 23Page - Sipex Corporation SP507 Datasheet HTML 24Page - Sipex Corporation SP507 Datasheet HTML 25Page - Sipex Corporation SP507 Datasheet HTML 26Page - Sipex Corporation SP507 Datasheet HTML 27Page - Sipex Corporation SP507 Datasheet HTML 28Page - Sipex Corporation SP507 Datasheet HTML 29Page - Sipex Corporation SP507 Datasheet HTML 30Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
26
SP505/6/7APN/03
SP505, SP506, SP507 Application Note
© Copyright 2000 Sipex Corporation
6.3.1.4 Generator polarities
The driver's single-ended output A shall be:
a) greater than point C (V
OUT > 0V) when the
signal condition 0 is transmitted for data
circuits, or ON for control circuits; and
b) less than point C (V
OUT < 0V) when the signal
condition 1 is transmitted for data circuits, or
OFF for control circuits.
6.3.3.5 Receiver maximum shunt capacitance
The total effective shunt capacitance shall be
less than 2500pF at point A with respect to
ground. This is measured by applying a 14V
P
signal with 0V offset at 9.6kbps with 50% duty
cycle through a 1.2k
Ω resistor. The rise time
measured from -3V to +3V at point A to point C
(t
1) and the fall time measured from +3V to -3V
at point A to point C (t
2) is measured and recorded.
Then replace the receiver with a 3k
Ω resistor in
parallel with a 2500pF capacitor and apply
the same signal through the 1.2k
Ω resistor.
The new rise time (t
3) is recorded and compared
to t
1 and t2. The times t1 and t2 shall be less than
or equal to t
3.
Figure 45. V.28 Driver Open Circuit Voltage
Figure 46. V.28 Driver Terminated Voltage
Figure 47. V.28 Transition Time
Figure 48. V.28 Receiver Effective Shunt Capacitance
A
V
OC
C
A
V
T
C
3k
Ω
A
C
3k
Ω
2500pF
Oscilloscope
A
C
1.2k
Ω
9600bps, 14.0Vp-p
Square Wave
V
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com