Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP507 Datasheet(PDF) 21 Page - Sipex Corporation

Part # SP507
Description  Multi-Protocol Serial Transceivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP507 Datasheet(HTML) 21 Page - Sipex Corporation

Back Button SP507 Datasheet HTML 17Page - Sipex Corporation SP507 Datasheet HTML 18Page - Sipex Corporation SP507 Datasheet HTML 19Page - Sipex Corporation SP507 Datasheet HTML 20Page - Sipex Corporation SP507 Datasheet HTML 21Page - Sipex Corporation SP507 Datasheet HTML 22Page - Sipex Corporation SP507 Datasheet HTML 23Page - Sipex Corporation SP507 Datasheet HTML 24Page - Sipex Corporation SP507 Datasheet HTML 25Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
SP505/6/7APN/03
SP505, SP506, SP507 Application Note
© Copyright 2000 Sipex Corporation
SP506 and SP507 Evaluation Boards
For easy bench testing of the SP506 and SP507,
evaluation boards are available. Similar to the
SP505EB, the SP506EB and SP507EB offers a
"breakout" type configuration that allows the user to
access the driver's and receiver's I/Os. The evaluation
boards have a DB-25 serial connector that is
configured to a EIA-530 DTE pinout. This connector
can be used to analyze any of the serial standards
offered in the SP506 and SP507. Translation cables
may be needed from the DB-25 to the appropriate
connector. Refer to Figure 1 or the cabling schemes
in the Design Guide for Multi-Protocol Serial Ports.
Refer to the SP504/SP505 Evaluation Board Manual
for the SP506EB.
For the SP507EB, the probe pins or access points are
arranged such that the drivers are on one side and the
receivers are on the other. Each driver has three basic
access points: the TTL input, inverting analog
output, and non-inverting analog output. Additional
access points are included for the driver outputs, thus
a total of four access points for each driver. Similarly
with the receiver with two analog inputs, inverting
and non-inverting, and the TTL output. Receiver
inputs have additional access points for convenience.
There are additional ground points for convenient
resistor or capacitor load connections to the driver
output access points. There are also receiver ground
points for convenience at each receiver.
The TTL control lines have DIP switches that allow
the user to input a signal to enter a logic HIGH or
logic LOW. The control lines include the driver and
receiver enable lines and the mode select pins.
For the SP506EB, the driver enable inputs are
active LOW and have internal pull down resistors.
The DIP switch position will either tie the inputs to a
logic HIGH or leave the input open where the internal
pull-down defines a LOW state.
For the SP507EB, the SP507 uses a logic HIGH for
its driver enable lines except for the LL driver, which
Figure 36. SP507EB Schematic
27 26
30
28
31
32
D1 = MBRS140T3 Schottky Rectifier
VCC
VDD
C1-
C2-
VSS
C1+
C2+
61
59
SP507CF
TxD
14
58
56
13
54
52
16
63
65
15
42
44
22
47
45
17
51
49
24
70
71
1
37
38
20
66
67
80
68
69
78
35
36
19
39
40
21
76
77
79
10
µF
M0
M1
M2
10
11
12
STEN
RREN
RTEN
TMEN
SCTEN
LLEN
RLEN
TTEN
2
3
7
4
5
18
6
23
LATCH
GND
DB-25 Connector Pins & Signals [DTE]
2
SD(a)
14
SD(a)
20
TR(a)
23
TR(b)
19
RS(b)
4
RS(a)
11
TT(b)
18
LL(a)
15
SCT(a)
12
SCT(b)
24
TT(a)
3
RD(a)
16
RD(a)
13
CS(b)
6
DM(a)
22
DM(b)
9
RT(b)
5
CS(a)
17
RT(a)
8
RR(a)
10
RR(b)
7
SIGNAL GND
M0
M1
M2
Mode Selection
M2 M1
M0
Physical Layer
0
0
0
V.11 (RS-422)
0
0
1
EIA-530A
0
1
0
EIA-530
0
1
1
X.21
1
0
0
V.35
1
0
1
RS-449 (V.36)
1
1
0
RS-232
1
1
1
SHUTDOWN
Mode
Enable
TERM_OFF
25
TM(a)
21
RL(a)
1 SHIELD GND
DTR
RTS
TxC
DCE_ST
RL
LL
RxD
RxC
CTS
DSR
DCD
TM
DTE_ST
VCC
25 33 41 48 55 62 73 74
V
CC
OFF
ON
V
CC
LATCH
TERM_OFF
ON
OFF
V
CC
GND located next to each
driver output & receiver input
C1 C2
C4
C3
D1
C1 ~ C4 = 22
µF Kemet T491C226K016AS
Decoupling Capacitor = 10
µF Kemet T351C106K10AS301
FUSE, jumper or
50ohm 1/4W resistor
RL(b)
LL(b)
ST(a)
ST(b)
TM(b)
SP507 Evaluation Board
Customer :
Title :
Date :
Doc. # :
Rev.
Original : June 9, 1999
A
Reference Design Schematic
233 South Hillview Dr. • Milpitas, CA. 95035
Sipex Corporation
TEST308
Orig.:
Chkd.:
Appr.:
Zeferino Cervantes
John Ng
Kim Y. Lee
29
34
43
46
50
53
57
60
64
72
75
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com