Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP507 Datasheet(PDF) 20 Page - Sipex Corporation

Part # SP507
Description  Multi-Protocol Serial Transceivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP507 Datasheet(HTML) 20 Page - Sipex Corporation

Back Button SP507 Datasheet HTML 16Page - Sipex Corporation SP507 Datasheet HTML 17Page - Sipex Corporation SP507 Datasheet HTML 18Page - Sipex Corporation SP507 Datasheet HTML 19Page - Sipex Corporation SP507 Datasheet HTML 20Page - Sipex Corporation SP507 Datasheet HTML 21Page - Sipex Corporation SP507 Datasheet HTML 22Page - Sipex Corporation SP507 Datasheet HTML 23Page - Sipex Corporation SP507 Datasheet HTML 24Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
20
SP505/6/7APN/03
SP505, SP506, SP507 Application Note
© Copyright 2000 Sipex Corporation
Using Smaller Charge Pump
Capacitors with the SP50x
The charge pump of the SP505, SP506, and SP507
have been designed to drive the RS-232 voltage
levels through the drivers using 22
µF pump
capacitors. However, the SP505, SP506, and SP507
can use 10
µF capacitors for operation while still
maintaining the critical specifications.
There are two issues involved with lowering the
charge pump capacitors; RS-232 driver output V
OH
and V
OL levels, and output ripple.
Figure 32 shows the typical driver output (TxD in
this case) in an unloaded condition using 10
µF charge
pump capacitors. Figure 33 shows the same driver
Figure 32. Unloaded Driver Output Using 10
µF Pump
Capacitors
but loaded with 3k
Ω and 2,500pF to ground.
Running at a worse case speed of 120kHz, the driver
output voltages shown in Figure 34 clearly comply
with the RS-232 and ITU-T V.28 specifications
under these conditions.
Figures 34 and 35 show the driver output's ripple
when a DC input is asserted. The ripple in Figure 34
uses 22
µF charge pump capacitors where as
Figure 35 uses 10
µF capacitors. The ripple amplitude
is increased from approximately 60mV to 400mV.
Although the RS-232 voltages are within the
specifications and the ripple amplitude is negligible
compared to the RS-232 signal amplitude, the
designer should examine the EMC consequences of
reducing the charge pump capacitors.
Figure 33. Driver Output Loaded w/ 3k
Ω // 2,500pF
Using 10
µF Pump Capacitors
Figure 34. Charge Pump Ripple of Driver Output
w/ 22
µF Pump Capacitors
Figure 35. Charge Pump Ripple of Driver Output
w/ 10
µF Pump Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com