Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP507 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP507
Description  Multi-Protocol Serial Transceivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP507 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP507 Datasheet HTML 3Page - Sipex Corporation SP507 Datasheet HTML 4Page - Sipex Corporation SP507 Datasheet HTML 5Page - Sipex Corporation SP507 Datasheet HTML 6Page - Sipex Corporation SP507 Datasheet HTML 7Page - Sipex Corporation SP507 Datasheet HTML 8Page - Sipex Corporation SP507 Datasheet HTML 9Page - Sipex Corporation SP507 Datasheet HTML 10Page - Sipex Corporation SP507 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7
SP505/6/7APN/03
SP505, SP506, SP507 Application Note
© Copyright 2000 Sipex Corporation
Figure 5. SP507 DTE/DCE Programmable Configuration (Similar configuration to competitor's 3-chip solution.)
10
µF10µF
10
µF
27 26
30
28
31
32
1N5819, MBRS140T3, or equiv.
VCC
VDD
C1-
C2-
VSS
C1+
C2+
10
µF
61
59
SP507CF
Drivers
TxD
14
58
56
DTR
13
54
52
RTS
16
63
65
TxC
15
42
44
DCE_ST
22
47
45
RL
17
51
49
LL
24
70
71
RxD
1
37
38
RxC
20
66
67
CTS
80
68
69
DSR
78
35
36
DCD
19
39
40
TM
21
76
77
DTE_ST
79
Receivers
10
µF
M0
M1
M2
10
11
12
STEN
RREN
RTEN
Various VCC pins
(Refer to SP507
Datasheet)
Various GND pins (Refer to SP507 Datasheet)
TMEN
SCTEN
LLEN
RLEN
TTEN
2
3
7
4
5
18
6
23
+5V
LATCH
8
GND
+5V
+5V
DB-25 Connector Pins & Signals [DTE/DCE]
2
TXD(a)/RXD(a)
14
TXD(a)/RXD(b)
20
DTR(a)/DSR(a)
23
DTR(b)/DSR(b)
19
RTS(b)/CTS(b)
4
RTS(a)/CTS(b)
11
TXCE(b)/TXC(b)
18
*LL/TM
15
*TXC(a)/RXC(a)
12
*TXC(b)/RXC(b)
24
TXCE(a)/TXC(a)
3
RXD(a)/TXD(a)
16
RXD(b)/TXD(b)
13
CTS(b)/RTS(b)
6
DSR(a)/DTR(a)
22
DSR(b)/DTR(b)
9
RXC(b)/TXCE(b)
5
CTS(a)/RTS(a)
17
RXC(a)/TXCE(a)
8
*DCD(a)/DCD(a)
10
*DCD(b)/DCD(b)
7
SIGNAL GND
#103_DTE/#104_DCE
#108_DTE/#107_DCE
#105_DTE/#106_DCE
#114_DTE/#114_DCE
#141_DTE/#141_DCE
#104_DTE/#103_DCE
#115_DTE/#113_DCE
#106_DTE/#105_DCE
#107_DTE/#108_DCE
#113_DTE/#115_DCE
DCE/DTE Control
#109_DTE/#109_DCE
* - Driver applies for DCE mode only on pins 15 and 12 for signal TxC.
Receiver applies for DTE mode only on pins 15 and 12.
Driver applies for DCE mode only on pins 8 and 10 for signal DCD.
Receiver applies for DTE mode only on pins 15 and 12.
Receiver applies for DCE mode only on pin 18 for signal LL. Driver
applies for DTE mode only on pin 18.
I/O Lines represented by double arrowhead signifies a bi-directional bus.
Input Line
Output Line
M0
M1
M2
Mode Selection
M2 M1
M0
Physical Layer
0
0
0
V.11 (RS-422)
0
0
1
EIA-530A
0
1
0
EIA-530
0
1
1
X.21
1
0
0
V.35
1
0
1
RS-449 (V.36)
1
1
0
RS-232
1
1
1
SHUTDOWN
Mode
Enable
TERM_OFF
1 SHIELD GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com