Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP507 Datasheet(PDF) 27 Page - Sipex Corporation

Part # SP507
Description  Multi-Protocol Serial Transceivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP507 Datasheet(HTML) 27 Page - Sipex Corporation

Back Button SP507 Datasheet HTML 22Page - Sipex Corporation SP507 Datasheet HTML 23Page - Sipex Corporation SP507 Datasheet HTML 24Page - Sipex Corporation SP507 Datasheet HTML 25Page - Sipex Corporation SP507 Datasheet HTML 26Page - Sipex Corporation SP507 Datasheet HTML 27Page - Sipex Corporation SP507 Datasheet HTML 28Page - Sipex Corporation SP507 Datasheet HTML 29Page - Sipex Corporation SP507 Datasheet HTML 30Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
27
SP505/6/7APN/03
SP505, SP506, SP507 Application Note
© Copyright 2000 Sipex Corporation
Paragraph 6.3.4 – V.35 Circuits
6.3.4.1 Generator open circuit output voltage
The magnitude of the driver's outputs for:
a) between point A and point B
b) either point A or point B to point C
shall be less than or equal to 1.2V for either
binary state when terminated with a 3.9k
Ω
resistor between points A and points B.
Figure 49. V.35 Driver Open Circuit Voltage
6.3.4.2 Generator terminated output voltage
The magnitude of the driver's outputs for:
a) between point A and point B
b) either point A or point B to point C
shall be 0.55V +20% for either binary state
when terminated with two 50
Ω resistors
connected in series between point A and point B.
The center point of the two 50
Ω resistors
shall measure less than or equal to 0.6V with
respect to point C.
Figure 50. V.35 Driver Terminated Voltage
6.3.4.3 Generator output rise/fall time
The driver outputs' transition from one binary
point to another shall be less than or equal to 0.1
of the nominal bit duration (t
b). This is measured
between 20% and 80% of its steady state value
and with a "Y" resistor configuration. The
resistor network contains two 50
Ω resistors in
series with a center-tap 50
Ω resistor between
the two series resistors to ground.
6.3.4.4 Generator polarities
The driver's point A output shall be:
a) greater than point B (V
A–VB ≥ 0V) when the
signal condition 0 is transmitted for data circuits,
or ON for control circuits; and
b) less than point B (V
A–VB ≥ 0V) when the
signal condition 1 is transmitted for data circuits,
or OFF for control circuits.
Figure 51. V.35 Transition Time
The SP505 has been successfully tested to CTR1/
CTR2 through TUV Telecom Services. The test
was performed on the SP505EB Evaluation
Board. The test report CTR2/052101/98 can
be furnished upon request. The SP507 has
also successfully passed the CTR1/CTR2
testing requirements through KTL using our
SP507EB. The test report 9D2566DEU1 can
also be furnished upon request.
Please contact Sipex Applications for details.
A
B
V
OC
3.9k
Ω
V
OCA
V
OCB
C
A
B
50
Ω
C
50
Ω
V
T
V
OS
A
B
C
50
Ω
Oscilloscope
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com