Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP507 Datasheet(PDF) 19 Page - Sipex Corporation

Part # SP507
Description  Multi-Protocol Serial Transceivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP507 Datasheet(HTML) 19 Page - Sipex Corporation

Back Button SP507 Datasheet HTML 15Page - Sipex Corporation SP507 Datasheet HTML 16Page - Sipex Corporation SP507 Datasheet HTML 17Page - Sipex Corporation SP507 Datasheet HTML 18Page - Sipex Corporation SP507 Datasheet HTML 19Page - Sipex Corporation SP507 Datasheet HTML 20Page - Sipex Corporation SP507 Datasheet HTML 21Page - Sipex Corporation SP507 Datasheet HTML 22Page - Sipex Corporation SP507 Datasheet HTML 23Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
19
SP505/6/7APN/03
SP505, SP506, SP507 Application Note
© Copyright 2000 Sipex Corporation
Another alternative is using conductive-EMI
enhanced connectors that have ferrite cores around
the pins. AMP and other connector manufacturers
also offer specially built conductive-EMI filtered
connectors. The AMPLIMITE™ Subminiature D-Sub
connectors have a DB-15 through DB-37 connectors
as well as high density connectors that have a
distributed element filter using lossy ferrite core or
a capacitive filter assembled around each pin. These
connectors have right-angle, vertical, or stacked
versions that all have the same PCB footprint as the
regular non-filtered connectors.
Various filter types are available with these connectors.
Once the serial protocol is defined and the operating
frequency known, a filter type can be chosen using
its 3dB point, which can be used as the maximum
frequency. The filter will begin filtering above this
3dB point. One should be careful when using the
capacitive filters as they will affect the overall AC
performance of the driver, specifically driver rise/
fall time. Details of the AMPLIMITE™ filtered
connectors can be found in AMP's home page
(http://connect.amp.com.), which includes insertion
loss (dB) versus frequency.
Figure 31. Common-Mode Choke Circuit with Drivers
AMPLIMITE™ is a trademark of AMP Inc.
1
2
3
4
5
6
7
8
L1
L2
L3
L4
TxD
TXCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com