Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP507 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP507
Description  Multi-Protocol Serial Transceivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP507 Datasheet(HTML) 2 Page - Sipex Corporation

  SP507 Datasheet HTML 1Page - Sipex Corporation SP507 Datasheet HTML 2Page - Sipex Corporation SP507 Datasheet HTML 3Page - Sipex Corporation SP507 Datasheet HTML 4Page - Sipex Corporation SP507 Datasheet HTML 5Page - Sipex Corporation SP507 Datasheet HTML 6Page - Sipex Corporation SP507 Datasheet HTML 7Page - Sipex Corporation SP507 Datasheet HTML 8Page - Sipex Corporation SP507 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
SP505/6/7APN/03
SP505, SP506, SP507 Application Note
© Copyright 2000 Sipex Corporation
DTE Configuration to a DB-25 Serial Port
The SP505, SP506 and SP507 can easily be configured
as a DTE in all serial communication applications.
The SP505, SP506 and SP507 contain seven drivers
and seven receivers to support most of the signals
required for proper serial communications. Figure 1
summarizes the usual signals used in synchronous
serial communications. The basic configuration shown
in Figure 2 illustrates a connection to a DB-25 D-sub
connector commonly used for EIA-530 and RS-232.
For other serial interface protocols, the decoder
can be used to select the physical layer interface.
The DEC
0-3 of the SP505 and SP506 will program its
internal drivers and receivers to electrically adhere to
the appropriate interface. The SP507 decoder is
slightly different and uses 3-bits to select the desired
interface. For the appropriate physical connection,
a "daughter" cable can be attached to the DB-25
connector (female pins on cable) and transfer the
signals to the physically compliant connector.
For example, a V.35 interface will have a ISO-2593
34-pin connector. For a V.35 DTE interface, the
SP505, SP506 and SP507 can be programed to V.35
mode and a daughter cable, having a DB-25 female
connector on one end and a V.35 34-pin male
connector on the other end, will allow the equipment
to have an electrically and physically complaint V.35
interface.
Figure 1. Signals and Connector Allocation Table
EIA-232
EIA-530
EIA-449
Signal Name
Source Mnemonic Pin Mnemonic Pin Mnemonic Pin
Shield
—
—
1
—
1
—
1
Transmitted
Data
DTE
BA
2
BA (A)
2
SD (A)
4
BA (B)
14
SD (B)
22
Received
Data
DCE
BB
3
BB (A)
3
RD (A)
6
BB (B)
16
RD (B)
24
Request To Send
DTE
CA
4
CA (A)
4
RS (A)
7
CA (B)
19
RS (B)
25
Clear To Send
DCE
CB
5
CB (A)
5
CS (A)
9
CB (B)
13
CS (B)
27
DCE Ready (DSR)
DCE
CC
6
CC (A)
6
DM (A)
11
CC (B)
22
DM (B)
29
DTE Ready (DTR)
DTE
CD
20
CD (A)
20
TR (A)
12
CD (B)
23
TR (B)
30
Signal Ground
—
AB
7
AB
7
SG
19
Recv. Line
Sig. Det. (DCD)
DCE
CF
8
CF (A)
8
RR (A)
13
CF (B)
10
RR (B)
31
Trans. Sig. Elemt.
Timing
DCE
DB
15
DB (A)
15
ST (A)
5
DB (B)
12
ST (B)
23
Recv. Sig. Elemt.
Timing
DCE
DD
17
DD (A)
17
RT (A)
8
DD (B)
9
RT (B)
26
Local Loopback
DTE
LL
18
LL
18
LL
10
Remote Loopback
DTE
RL
21
RL
21
RL
14
Ring Indicator
DCE
CE
22
—
—
—
—
Trans. Sig. Elemt.
Timing
DTE
DA
24
DA (A)
24
TT (A)
17
DA (B)
11
TT (B)
35
Test Mode
DCE
TM
25
TM
25
TM
18
V.35
Mnemonic
Pin
—A
103
P
103
S
104
R
104
T
105
C
106
D
107
E
108
H *
102
B
109
F
114
Y
114
AA
115
V
115
X
141
L *
140
N *
125
J *
113
U *
113
W *
142
NN *
X.21
Mnemonic
Pin
—1
Circuit T(A)
2
Circuit T(B)
9
Circuit R(A)
4
Circuit R(B)
11
Circuit C(A)
3
Circuit G
8
Circuit C(B)
10
Circuit I(A)
5
Circuit I(B)
12
* - Optional signals
** - Only one of the two X.21 signals, Circuit B or X, can
be implemented and active at one time.
7
14
Circuit X(A)**
Circuit X(B)**
6
13
Circuit S(A)
Circuit S(B)
7
14
Circuit B(A)**
Circuit B(B)**
X.21 Connector (ISO 4903)
DTE Connector — DB-15 Pin Male
DCE Connector — DB-15 Pin Female
1
9
8
15
1
20
30
10
5
25
37
19
33
15
RS-449 Connector (ISO 4902)
DTE Connector Face — DB-37 Pin Male
DCE Connector Face – DB-37 Pin Female
RS-232 & EIA-530 Connector (ISO 2110)
DTE Connector — DB-25 Pin Male
DCE Connector — DB-25 Pin Female
1
13
14
25
7
20
NN JJ DD Z
V
R
L
F
B
MM HH CC Y
U
P
K
E
A
LL FF BB X
T
N
J
D
KK EE AA W
S
M
H
C
V.35/ISO 2593 Connector
DTE Connector Face — 34 Pin Male
DCE Connector Face — 34 Pin Female



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com