Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3508CF Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP3508CF
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3508CF Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP3508CF Datasheet HTML 4Page - Sipex Corporation SP3508CF Datasheet HTML 5Page - Sipex Corporation SP3508CF Datasheet HTML 6Page - Sipex Corporation SP3508CF Datasheet HTML 7Page - Sipex Corporation SP3508CF Datasheet HTML 8Page - Sipex Corporation SP3508CF Datasheet HTML 9Page - Sipex Corporation SP3508CF Datasheet HTML 10Page - Sipex Corporation SP3508CF Datasheet HTML 11Page - Sipex Corporation SP3508CF Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8
Date: 06/14/04
SP3508 Enhanced WAN Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
OTHER AC CHARACTERISTICS: Continued
TA = 0 to 70°C and VCC = +3.3V unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
RS-422/V.11
tPZL; Tri-state to Output LOW
0.10
2.0
µsCL = 100pF, Fig. 34 & 38; S1
closed
tPZH; Tri-state to Output HIGH
0.10
2.0
µsCL = 100pF, Fig. 34 & 38; S2
closed
tPLZ; Output LOW to Tri-state
0.10
2.0
µsCL = 15pF, Fig. 34 & 38; S1
closed
tPHZ; Output HIGH to Tri-state
0.10
2.0
µsCL = 15pF, Fig. 34 & 38; S2
closed
V.35
tPZL; Tri-state to Output LOW
0.10
2.0
µsCL = 100pF, Fig. 34 & 38; S1
closed
tPZH; Tri-state to Output HIGH
0.10
2.0
µsCL = 100pF, Fig. 34 & 38; S2
closed
tPLZ; Output LOW to Tri-state
0.10
2.0
µsCL = 15pF, Fig. 34 & 38; S1
closed
tPHZ; Output HIGH to Tri-state
0.10
2.0
µsCL = 15pF, Fig. 34 & 38; S2
closed
TRANSCEIVER TO TRANSCEIVER SKEW
(per Figures 32, 35, 37)
RS-232 Driver
100
ns
[ (tphl )Tx1 – (tphl )Txn ]
100
ns
[ (tplh )Tx1 – (tplh )Txn]
RS-232 Receiver
20
ns
[ (tphl )Rx1 – (tphl )Rxn ]
20
ns
[ (tphl )Rx1 – (tphl )Rxn ]
RS-422 Driver
2
ns
[ (tphl )Tx1 – (tphl )Txn ]
2ns
[ (tplh )Tx1 – (tplh )Txn ]
RS-422 Receiver
3
ns
[ (tphl )Rx1 – (tphl )Rxn ]
3ns
[ (tphl )Rx1 – (tphl )Rxn ]
RS-423 Driver
5
ns
[ (tphl )Tx2 – (tphl )Txn ]
5ns
[ (tplh )Tx2 – (tplh )Txn ]
RS-423 Receiver
5
ns
[ (tphl )Rx2 – (tphl )Rxn ]
5ns
[ (tphl )Rx2 – (tphl )Rxn ]
V.35 Driver
4
ns
[ (tphl )Tx1 – (tphl )Txn ]
4ns
[ (tplh )Tx1 – (tplh )Txn ]
V.35 Receiver
6
ns
[ (tphl )Rx1 – (tphl )Rxn ]
6ns
[ (tphl )Rx1 – (tphl )Rxn]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com