Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3508CF Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP3508CF
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3508CF Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP3508CF Datasheet HTML 9Page - Sipex Corporation SP3508CF Datasheet HTML 10Page - Sipex Corporation SP3508CF Datasheet HTML 11Page - Sipex Corporation SP3508CF Datasheet HTML 12Page - Sipex Corporation SP3508CF Datasheet HTML 13Page - Sipex Corporation SP3508CF Datasheet HTML 14Page - Sipex Corporation SP3508CF Datasheet HTML 15Page - Sipex Corporation SP3508CF Datasheet HTML 16Page - Sipex Corporation SP3508CF Datasheet HTML 17Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
13
Date: 06/14/04
SP3508 Enhanced WAN Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
Figure 7. V.28 Receiver Input Impedance
Figure 8. V.28 Receiver Input Open Circuit Bias
Figure 9. V.10 Driver Output Open-Circuit Voltage
Figure 10. V.10 Driver Output Test Terminated Voltage
Figure 12. V.10 Driver Output Power-Off Current
Figure 11. V.10 Driver Output Short-Circuit Current
A
C
I
ia
±15V
A
C
v
oc
A
V
OC
3.9kΩ
C
A
V
t
450Ω
C
A
I
sc
C
A
C
±0.25V
V
CC = 0V
I
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com