Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3508CF Datasheet(PDF) 24 Page - Sipex Corporation

Part # SP3508CF
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3508CF Datasheet(HTML) 24 Page - Sipex Corporation

Back Button SP3508CF Datasheet HTML 20Page - Sipex Corporation SP3508CF Datasheet HTML 21Page - Sipex Corporation SP3508CF Datasheet HTML 22Page - Sipex Corporation SP3508CF Datasheet HTML 23Page - Sipex Corporation SP3508CF Datasheet HTML 24Page - Sipex Corporation SP3508CF Datasheet HTML 25Page - Sipex Corporation SP3508CF Datasheet HTML 26Page - Sipex Corporation SP3508CF Datasheet HTML 27Page - Sipex Corporation SP3508CF Datasheet HTML 28Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
24
Date: 06/14/04
SP3508 Enhanced WAN Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
The same receivers also incorporate a termination
network internally for V.35 applications. For
V.35, the receiver input termination is a “Y”
termination consisting of two 51
Ω resistors
connected in series and a 124
Ω resistor connected
between the two 50
Ω resistors and GND. The
receiver itself is identical to the V.11 receiver.
The differential receivers can be configured to
be ITU-T-V.10 single-ended receivers by
internally connecting the non-inverting input to
ground. This is internally done by default from
the decoder. The non-inverting input is rerouted
to V10GND and can be grounded separately.
The ITU-T-V.10 receivers can operate over
120Kbps and are used in RS-449/V.36, E1A-
530, E1A-530A and X.21 modes as Category II
signals as indicated by their corresponding
specifications. All receivers include an enable/
disable line for disabling the receiver output
allowing convenient half-duplex configurations.
The enable pins will either enable or disable the
output of the receivers according to the
appropriate active logic illustrated on Figure 44.
The receiver’s enable lines include an internal
pull-up or pull-down device, depending on the
active polarity of the receiver, that enables the
receiver upon power up if the enable lines are left
floating. During disabled conditions, the receiver
outputs will be at a high impedance state. If the
receiver is disabled any associated termination is
also disconnected from the inputs.
FEATURES
All receivers include a fail-safe feature that
outputs a logic high when the receiver inputs are
open, terminated but open, or shorted together.
For single-ended V.28 and V.10 receivers, there
are internal 5k
Ω pull-down resistors on the inputs
which produces a logic high (“1”) at the receiver
outputs. The differential receivers have a
proprietary circuit that detect open or shorted
inputs and if so, will produce a logic HIGH (“1”)
at the receiver output.
CHARGE PUMP
SP3508 uses an internal capacitive charge pump
to generate Vdd and Vss. The design is Sipex
patented (5,306,954) four-phased voltage shift-
ing charge pump converters that converts the
input voltage of 3.3V to nominal output volt-
ages of +/-6V (Vdd & Vss1). SP3508 also in-
cludes an inverter block that inverts Vcc to -Vcc
(Vss2). There is a free-running oscillator that
controls the four phases of the voltage shifting.
A description of each phase follows.
4-phased doubler pump
Phase 1
-VSS1 charge storage -During this phase of the
clock cycle, the positive side of capacitors C1
and C2 are initially charged to VCC. C1+ is then
switched to ground and the charge in C1- is
transferred to C2-. Since C2+ is connected to
VCC, the voltage potential across capacitor C2 is
now 2xVCC.
VCC = +3V
–3V
–3V
+3V
VSS1 Storage Capacitor
VDD Storage Capacitor
C1
C2
+
+
++
–
–
–
–
CVDD
CVSS1
Figure 45. Charge Pump - Phase 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com