Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3508CF Datasheet(PDF) 26 Page - Sipex Corporation

Part # SP3508CF
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3508CF Datasheet(HTML) 26 Page - Sipex Corporation

Back Button SP3508CF Datasheet HTML 22Page - Sipex Corporation SP3508CF Datasheet HTML 23Page - Sipex Corporation SP3508CF Datasheet HTML 24Page - Sipex Corporation SP3508CF Datasheet HTML 25Page - Sipex Corporation SP3508CF Datasheet HTML 26Page - Sipex Corporation SP3508CF Datasheet HTML 27Page - Sipex Corporation SP3508CF Datasheet HTML 28Page - Sipex Corporation SP3508CF Datasheet HTML 29Page - Sipex Corporation SP3508CF Datasheet HTML 30Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
26
Date: 06/14/04
SP3508 Enhanced WAN Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
VCC = +3V
+6V
VSS1 Storage Capacitor
VDD Storage Capacitor
C1
C2
+
+
++
–
–
–
–
CVDD
CVSS1
Figure 48. Charge Pump - Phase 4.
2-phased inverter pump
Phase 1
Please refer to figure below: In the first phase of the clock cycle, switches S2 and S4 are opened and S1 and
S3 closed. This connects the flying capacitor, C3, from Vin to ground. C3 charge up to the input voltage
applied at Vcc.
Phase 2
In the second phase of the clock cycle, switches S2 and S4 are closed and S1 and S3 are opened. This
connects the flying capacitor, C3, in parallel with the output capacitor, CVSS2. The Charge stored in C3 is
now transferred to CVSS2. Simultaneously, the negative side of CVSS2 is connected to VSS2 and the positive
side is connected to ground. With the voltage across CVSS2 smaller than the voltage across C3, the charge
flows from C3 to CVSS2 until the voltage at the VSS2 equals -VCC.
C3
S2
S1
S3
S4
VSS2
CVSS2
+
+
VCC
VSS2 = -VCC
Figure 49. Circuit for an Ideal Voltage Inverter.
FEATURES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com