Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3508CF Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP3508CF
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3508CF Datasheet(HTML) 5 Page - Sipex Corporation

  SP3508CF Datasheet HTML 1Page - Sipex Corporation SP3508CF Datasheet HTML 2Page - Sipex Corporation SP3508CF Datasheet HTML 3Page - Sipex Corporation SP3508CF Datasheet HTML 4Page - Sipex Corporation SP3508CF Datasheet HTML 5Page - Sipex Corporation SP3508CF Datasheet HTML 6Page - Sipex Corporation SP3508CF Datasheet HTML 7Page - Sipex Corporation SP3508CF Datasheet HTML 8Page - Sipex Corporation SP3508CF Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
Date: 06/14/04
SP3508 Enhanced WAN Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
ELECTRICAL SPECIFICATIONS
TA = 0 to 70°C and VCC = 3.3V ± 5% unless otherwise noted. The
♦ denotes the specifications which apply over the full operating
temperature range (-40°C to +85°C), unless otherwise specified.
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
)
s
t
u
p
t
u
O
(
s
r
e
t
e
m
a
r
a
P
C
D
R
E
V
I
R
D
5
3
.
V
e
g
a
t
l
o
V
t
i
u
c
r
i
C
n
e
p
O0
2
.
1
±V
6
1
e
r
u
g
i
F
r
e
p
e
g
a
t
l
o
V
d
e
t
a
n
i
m
r
e
T
t
s
e
T4
4
.
0
±6
6
.
0
±V
5
2
e
r
u
g
i
F
r
e
p
t
e
s
f
f
O6
.
0
±
♦
♦
♦
♦
♦
V5
2
e
r
u
g
i
F
r
e
p
t
o
o
h
s
r
e
v
O
t
u
p
t
u
O-
V
2
.
0
-
T
S
-
2
.
0
+
V
T
S
♦
♦
♦
♦
♦
V
V
;
5
2
e
r
u
g
i
F
r
e
p
T
S
e
t
a
t
s
y
d
a
e
t
S
=
e
u
l
a
v
e
c
n
a
d
e
p
m
I
e
c
r
u
o
S0
50
5
1
♦
♦
♦
♦
♦Ω
Z
;
6
2
e
r
u
g
i
F
r
e
p
S
V
=
2 V
/
1
0
5
x
e
c
n
a
d
e
p
m
I
t
i
u
c
r
i
C
-
t
r
o
h
S5
3
15
6
1
Ω
7
2
e
r
u
g
i
F
r
e
p
)
s
t
u
p
t
u
O
(
s
r
e
t
e
m
a
r
a
P
C
A
R
E
V
I
R
D
5
3
.
V
V
C
C
s
r
e
t
e
m
a
r
a
p
C
A
r
o
f
V
3
.
3
+
=
e
m
i
T
n
o
i
t
i
s
n
a
r
T0
2
♦
♦
♦
♦
♦
s
n
t
:
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
L
H
P
0
30
6
♦
♦
♦
♦
♦
s
nC
;
5
3
d
n
a
2
3
s
e
r
u
g
i
F
r
e
p
L
F
p
0
2
=
t
:
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
H
L
P
0
30
6
♦
♦
♦
♦
♦
s
nC
;
5
3
d
n
a
2
3
s
e
r
u
g
i
F
r
e
p
L
F
p
0
2
=
w
e
k
S
l
a
i
t
n
e
r
e
f
f
i
D5
♦
♦
♦
♦
♦
s
nC
;
5
3
d
n
a
2
3
s
e
r
u
g
i
F
r
e
p
L
F
p
0
2
=
e
t
a
R
n
o
i
s
s
i
m
s
n
a
r
T
.
x
a
M0
2
♦
♦
♦
♦
♦
s
p
b
M
)
s
t
u
p
n
I
(
s
r
e
t
e
m
a
r
a
P
C
D
R
E
V
I
E
C
E
R
5
3
.
V
y
t
i
v
i
t
i
s
n
e
S0
5
±0
0
2
±
♦
♦
♦
♦
♦
V
m
e
c
n
a
d
e
p
m
I
e
c
r
u
o
S0
90
1
1
Ω
Z
;
9
2
e
r
u
g
i
F
r
e
p
S
V
=
2 V
/
1
0
5
x
Ω
e
c
n
a
d
e
p
m
I
t
i
u
c
r
i
C
-
t
r
o
h
S5
3
15
6
1
Ω
0
3
e
r
u
g
i
F
r
e
p
s
r
e
t
e
m
a
r
a
P
C
A
R
E
V
I
E
C
E
R
5
3
.
V
V
C
C
s
r
e
t
e
m
a
r
a
p
C
A
r
o
f
V
5
+
=
t
:
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
L
H
P
0
30
6s
nC
;
7
3
d
n
a
2
3
s
e
r
u
g
i
F
r
e
p
L
F
p
0
2
=
t
:
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
H
L
P
0
30
6s
nC
;
7
3
d
n
a
2
3
s
e
r
u
g
i
F
r
e
p
L
F
p
0
2
=
w
e
k
S5
0
1s
nC
;
2
3
s
e
r
u
g
i
F
r
e
p
L
F
p
0
2
=
e
t
a
R
n
o
i
s
s
i
m
s
n
a
r
T
.
x
a
M0
2s
p
b
M
S
T
N
E
R
R
U
C
E
G
A
K
A
E
L
R
E
V
I
E
C
S
N
A
R
T
t
n
e
r
r
u
C
e
t
a
t
S
-
3
t
u
p
t
u
O
r
e
v
i
r
D0
0
2A
µd
e
l
b
a
s
i
d
s
r
e
v
i
r
D
;
1
3
e
r
u
g
i
F
r
e
p
e
t
a
t
S
-
3
t
u
p
t
u
O
r
e
v
i
e
c
e
R
t
n
e
r
r
u
C
10
1
A
µ
D
X
1
1
1
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com