Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3508CF Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP3508CF
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3508CF Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP3508CF Datasheet HTML 7Page - Sipex Corporation SP3508CF Datasheet HTML 8Page - Sipex Corporation SP3508CF Datasheet HTML 9Page - Sipex Corporation SP3508CF Datasheet HTML 10Page - Sipex Corporation SP3508CF Datasheet HTML 11Page - Sipex Corporation SP3508CF Datasheet HTML 12Page - Sipex Corporation SP3508CF Datasheet HTML 13Page - Sipex Corporation SP3508CF Datasheet HTML 14Page - Sipex Corporation SP3508CF Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11
Date: 06/14/04
SP3508 Enhanced WAN Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
Table 1. Driver Mode Selection
Table 2. Receiver Mode Selection
SP3508 Driver Table
SP3508 Receiver Table
t
u
p
t
u
O
r
e
v
i
r
D
n
i
P
e
d
o
M
5
3
.
V
0
3
5
-
A
I
E
e
d
o
M
2
3
2
-
S
R
e
d
o
M
)
8
2
.
V
(
A
0
3
5
-
A
I
E
e
d
o
M
9
4
4
-
S
R
e
d
o
M
)
6
3
.
V
(
e
d
o
M
1
2
.
X
)
1
1
.
V
(
n
w
o
d
t
u
h
S
d
e
t
s
e
g
g
u
S
l
a
n
g
i
S
E
D
O
M
)
2
D
,
1
D
,
0
D
(
1
0
00
1
01
1
00
0
11
0
10
1
11
1
1
T
1
)
a
(
T
U
O5
3
.
V1
1
.
V8
2
.
V1
1
.
V1
1
.
V1
1
.
VZ
-
h
g
i
H)
a
(
D
x
T
T
1
)
b
(
T
U
O5
3
.
V1
1
.
VZ
-
h
g
i
H1
1
.
V1
1
.
V1
1
.
VZ
-
h
g
i
H)
b
(
D
x
T
T
2
)
a
(
T
U
O5
3
.
V1
1
.
V8
2
.
V1
1
.
V1
1
.
V1
1
.
VZ
-
h
g
i
H)
a
(
E
C
x
T
T
2
)
b
(
T
U
O5
3
.
V1
1
.
VZ
-
h
g
i
H1
1
.
V1
1
.
V1
1
.
VZ
-
h
g
i
H)
b
(
E
C
x
T
T
3
)
a
(
T
U
O5
3
.
V1
1
.
V8
2
.
V1
1
.
V1
1
.
V1
1
.
VZ
-
h
g
i
H)
a
(
E
C
D
_
C
x
T
T
3
)
b
(
T
U
O5
3
.
V1
1
.
VZ
-
h
g
i
H1
1
.
V1
1
.
V1
1
.
VZ
-
h
g
i
H)
b
(
E
C
D
_
C
x
T
T
4
)
a
(
T
U
O8
2
.
V1
1
.
V8
2
.
V1
1
.
V1
1
.
V1
1
.
VZ
-
h
g
i
H)
a
(
S
T
R
T
4
)
b
(
T
U
OZ
-
h
g
i
H1
1
.
VZ
-
h
g
i
H1
1
.
V1
1
.
V1
1
.
VZ
-
h
g
i
H)
b
(
S
T
R
T
5
)
a
(
T
U
O8
2
.
V1
1
.
V8
2
.
V0
1
.
V1
1
.
V1
1
.
VZ
-
h
g
i
H)
a
(
R
T
D
T
5
)
b
(
T
U
OZ
-
h
g
i
H1
1
.
VZ
-
h
g
i
HZ
-
h
g
i
H1
1
.
V1
1
.
VZ
-
h
g
i
H)
b
(
R
T
D
T
6
)
a
(
T
U
O8
2
.
V1
1
.
V8
2
.
V1
1
.
V1
1
.
V1
1
.
VZ
-
h
g
i
H)
a
(
E
C
D
_
D
C
D
T
6
)
b
(
T
U
OZ
-
h
g
i
H1
1
.
VZ
-
h
g
i
H1
1
.
V1
1
.
V1
1
.
VZ
-
h
g
i
H)
b
(
E
C
D
_
D
C
D
T
7
)
a
(
T
U
O8
2
.
V0
1
.
V8
2
.
V0
1
.
V0
1
.
VZ
-
h
g
i
HZ
-
h
g
i
HL
R
T
8
)
a
(
T
U
O8
2
.
V0
1
.
V8
2
.
V0
1
.
V0
1
.
VZ
-
h
g
i
HZ
-
h
g
i
HL
L
t
u
p
n
I
r
e
v
i
e
c
e
R
n
i
P
e
d
o
M
5
3
.
V
0
3
5
-
A
I
E
e
d
o
M
2
3
2
-
S
R
e
d
o
M
)
8
2
.
V
(
A
0
3
5
-
A
I
E
e
d
o
M
9
4
4
-
S
R
e
d
o
M
)
6
3
.
V
(
e
d
o
M
1
2
.
X
)
1
1
.
V
(
n
w
o
d
t
u
h
S
d
e
t
s
e
g
g
u
S
l
a
n
g
i
S
E
D
O
M
)
2
D
,
1
D
,
0
D
(
1
0
00
1
01
1
00
0
11
0
10
1
11
1
1
R
1
)
a
(
N
I5
3
.
V1
1
.
V8
2
.
V1
1
.
V1
1
.
V1
1
.
VZ
-
h
g
i
H)
a
(
D
x
R
R
1
)
b
(
N
I5
3
.
V1
1
.
VZ
-
h
g
i
H1
1
.
V1
1
.
V1
1
.
VZ
-
h
g
i
H)
b
(
D
x
R
R
2
)
a
(
N
I5
3
.
V1
1
.
V8
2
.
V1
1
.
V1
1
.
V1
1
.
VZ
-
h
g
i
H)
a
(
C
x
R
R
2
)
b
(
N
I5
3
.
V1
1
.
VZ
-
h
g
i
H1
1
.
V1
1
.
V1
1
.
VZ
-
h
g
i
H)
b
(
C
x
R
R
3
)
a
(
N
I5
3
.
V1
1
.
V8
2
.
V1
1
.
V1
1
.
V1
1
.
VZ
-
h
g
i
H)
a
(
E
T
D
_
C
x
T
R
3
)
b
(
N
I5
3
.
V1
1
.
VZ
-
h
g
i
H1
1
.
V1
1
.
V1
1
.
VZ
-
h
g
i
H)
b
(
E
T
D
_
C
x
T
R
4
)
a
(
N
I8
2
.
V1
1
.
V8
2
.
V1
1
.
V1
1
.
V1
1
.
VZ
-
h
g
i
H)
a
(
S
T
C
R
4
)
b
(
N
IZ
-
h
g
i
H1
1
.
VZ
-
h
g
i
H1
1
.
V1
1
.
V1
1
.
VZ
-
h
g
i
H)
b
(
S
T
C
R
5
)
a
(
N
I8
2
.
V1
1
.
V8
2
.
V0
1
.
V1
1
.
V1
1
.
VZ
-
h
g
i
H)
a
(
R
S
D
R
5
)
b
(
N
IZ
-
h
g
i
H1
1
.
VZ
-
h
g
i
HZ
-
h
g
i
H1
1
.
V1
1
.
VZ
-
h
g
i
H)
b
(
R
S
D
R
6
)
a
(
N
I8
2
.
V1
1
.
V8
2
.
V1
1
.
V1
1
.
V1
1
.
VZ
-
h
g
i
H)
a
(
E
T
D
_
D
C
D
R
6
)
b
(
N
IZ
-
h
g
i
H1
1
.
VZ
-
h
g
i
H1
1
.
V1
1
.
V1
1
.
VZ
-
h
g
i
H)
b
(
E
T
D
_
D
C
D
R
7
)
a
(
N
I8
2
.
V0
1
.
V8
2
.
V0
1
.
V0
1
.
VZ
-
h
g
i
HZ
-
h
g
i
HI
R
R
8
)
a
(
N
I8
2
.
V0
1
.
V8
2
.
V0
1
.
V0
1
.
VZ
-
h
g
i
HZ
-
h
g
i
HM
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com