Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3508CF Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP3508CF
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3508CF Datasheet(HTML) 1 Page - Sipex Corporation

  SP3508CF Datasheet HTML 1Page - Sipex Corporation SP3508CF Datasheet HTML 2Page - Sipex Corporation SP3508CF Datasheet HTML 3Page - Sipex Corporation SP3508CF Datasheet HTML 4Page - Sipex Corporation SP3508CF Datasheet HTML 5Page - Sipex Corporation SP3508CF Datasheet HTML 6Page - Sipex Corporation SP3508CF Datasheet HTML 7Page - Sipex Corporation SP3508CF Datasheet HTML 8Page - Sipex Corporation SP3508CF Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
Date: 06/14/04
SP3508 Enhanced WAN Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
FEATURES
■ Fast 20Mbps Differential Transmission Rates
■ Internal Transceiver Termination Resistors
for V.11 & V.35
■ Interface Modes:
✓ RS-232 (V.28)
✓ EIA-530 (V.10 & V.11)
✓ X.21 (V.11)
✓ EIA-530A (V.10 & V.11)
✓ RS-449/V.36
✓ V.35 (V.35 & V.28)
(V.10 & V.11)
■ Protocols are Software Selectable with 3-Bit Word
■ Eight (8) Drivers and Eight (8) Receivers
■ Termination Network Disable Option
■ Internal Line or Digital Loopback for Diagnostic Testing
■ Adheres to NET1/NET2 and TBR-2 Compliancy
Requirements
■ Easy Flow-Through Pinout
■ +3.3V Only Operation
■ Individual Driver and Receiver Enable/Disable Controls
■ Operates in either DTE or DCE Mode
SP3508
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver
with Programmable DCE/DTE and Termination Resistors
DESCRIPTION
The SP3508 is a monolithic device that supports eight (8) popular serial interface standards
for Wide Area Network (WAN) connectivity. The SP3508 is fabricated using a low power
BiCMOS process technology, and incorporates a Sipex regulated charge pump allowing
+3.3V only operation. Sipex's patented charge pump provides a regulated output of +5.5V,
which will provide enough voltage for compliant operation in all modes. Eight (8) drivers and
eight (8) receivers can be configured via software for any of the above interface modes at any
time. The SP3508 requires no additional external components for compliant operation for all
of the eight (8) modes of operation other than six capacitors used for the internal charge pump.
All necessary termination is integrated within the SP3508 and is switchable when V.35 drivers
and V.35 receivers, or when V.11 receivers are used. The SP3508 provides the controls and
transceiver availability for operating as either a DTE or DCE.
Additional features with the SP3508 include internal loopback that can be initiated in any of the
operating modes by use of the LOOPBACK pin. While in loopback mode, receiver outputs are
internally connected to driver inputs creating an internal signal path bypassing the serial
communications controller for diagnostic testing. The SP3508 also includes a latch enable pin
with the driver and receiver address decoder. The internal V.11 or V.35 termination can be
switched off using a control pin (TERM_OFF) for monitoring applications. All eight (8) drivers and
receivers in the SP3508 include separate enable pins for added convenience. The SP3508 is
ideal for WAN serial ports in networking equipment such as routers, access concentrators,
network muxes, DSU/CSU's, networking test equipment, and other access devices.
Applicable U.S. Patents-5,306,954; and others patents pending
®
PRELIMINARY
APPLICATIONS
■ Router
■ Frame Relay
■ CSU
■ DSU
■ PBX
■ Secure Communication Terminals
Now Available in Lead Free Packaging
Refer to page 9 for pinout


Similar Part No. - SP3508CF

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3508CF SIPEX-SP3508CF Datasheet
580Kb / 13P
Evaluation Board Manual
logo
Exar Corporation
SP3508CF-L EXAR-SP3508CF-L Datasheet
914Kb / 36P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
More results

Similar Description - SP3508CF

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP508 SIPEX-SP508 Datasheet
246Kb / 27P
Rugged 40Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Maxim Integrated Produc...
MAX212 MAXIM-MAX212 Datasheet
132Kb / 12P
Programmable DTE/DCE, 5V RS-232 Transceiver
19-0199; Rev 1; 8/95
logo
Sipex Corporation
SP508 SIPEX-SP508 Datasheet
250Kb / 30P
Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP509 SIPEX-SP509 Datasheet
258Kb / 29P
Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP508 SIPEX-SP508_05 Datasheet
248Kb / 30P
Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP509 SIPEX-SP509_05 Datasheet
256Kb / 29P
Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Exar Corporation
SP3508 EXAR-SP3508 Datasheet
914Kb / 36P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Linear Technology
LTC2846 LINER-LTC2846_15 Datasheet
288Kb / 24P
3.3V Software-Selectable Multiprotocol Transceiver with Termination
logo
Exar Corporation
SP508E EXAR-SP508E Datasheet
833Kb / 29P
Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP3508EB EXAR-SP3508EB Datasheet
914Kb / 36P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com