Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3508CF Datasheet(PDF) 30 Page - Sipex Corporation

Part # SP3508CF
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3508CF Datasheet(HTML) 30 Page - Sipex Corporation

Back Button SP3508CF Datasheet HTML 25Page - Sipex Corporation SP3508CF Datasheet HTML 26Page - Sipex Corporation SP3508CF Datasheet HTML 27Page - Sipex Corporation SP3508CF Datasheet HTML 28Page - Sipex Corporation SP3508CF Datasheet HTML 29Page - Sipex Corporation SP3508CF Datasheet HTML 30Page - Sipex Corporation SP3508CF Datasheet HTML 31Page - Sipex Corporation SP3508CF Datasheet HTML 32Page - Sipex Corporation SP3508CF Datasheet HTML 33Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
30
Date: 06/14/04
SP3508 Enhanced WAN Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
Figure 50. Loopback Path
SD(a)
SD(b)
RD(a)
RD(b)
TT(a)
TT(b)
RT(a)
RT(b)
TxD
RxD
TxCE
RxC
ST(a)
ST(b)
TxC(a)
TxC(b)
ST
TxC
RS(a)
RS(b)
CS(a)
CS(b)
TR(a)
TR(b)
DM(a)
DM(b)
RTS
CTS
DTR
DSR
RRC(a)
RRC(b)
RRT(a)
RRT(b)
DCD_DCE
DCD_DTE
RL(a)
IC
RL
RI
LL(a)
TM(a)
LL
TM
31
39
32
40
33
41
34
42
35
43
36
44
37
45
38
46
97
99
50
49
93
95
52
51
89
91
55
53
81
83
57
56
85
87
59
58
79
77
62
61
67
63
65
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com