Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0804
Description  8-Bit uP Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0804 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC0804 Datasheet HTML 1Page - National Semiconductor (TI) ADC0804 Datasheet HTML 2Page - National Semiconductor (TI) ADC0804 Datasheet HTML 3Page - National Semiconductor (TI) ADC0804 Datasheet HTML 4Page - National Semiconductor (TI) ADC0804 Datasheet HTML 5Page - National Semiconductor (TI) ADC0804 Datasheet HTML 6Page - National Semiconductor (TI) ADC0804 Datasheet HTML 7Page - National Semiconductor (TI) ADC0804 Datasheet HTML 8Page - National Semiconductor (TI) ADC0804 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC) (Note 3)
6.5V
Voltage
Logic Control Inputs
−0.3V to +18V
At Other Input and Outputs
−0.3V to (V
CC+0.3V)
Lead Temp. (Soldering, 10 seconds)
Dual-In-Line Package (plastic)
260˚C
Dual-In-Line Package (ceramic)
300˚C
Surface Mount Package
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
Storage Temperature Range
−65˚C to +150˚C
Package Dissipation at T
A=25˚C
875 mW
ESD Susceptibility (Note 10)
800V
Operating Ratings (Notes 1, 2)
Temperature Range
T
MIN≤TA≤TMAX
ADC0804LCJ
−40˚C
≤T
A≤+85˚C
ADC0801/02/03/05LCN
−40˚C
≤T
A≤+85˚C
ADC0804LCN
0˚C
≤T
A≤+70˚C
ADC0802/04LCWM
0˚C
≤T
A≤+70˚C
Range of V
CC
4.5 V
DC to 6.3 VDC
Electrical Characteristics
The following specifications apply for V
CC=5VDC,TMIN≤TA≤TMAX and fCLK=640 kHz unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
ADC0801: Total Adjusted Error (Note 8)
With Full-Scale Adj.
±1⁄4
LSB
(See Section 2.5.2)
ADC0802: Total Unadjusted Error (Note 8)
V
REF/2=2.500 VDC
±1⁄2
LSB
ADC0803: Total Adjusted Error (Note 8)
With Full-Scale Adj.
±1⁄2
LSB
(See Section 2.5.2)
ADC0804: Total Unadjusted Error (Note 8)
V
REF/2=2.500 VDC
±1
LSB
ADC0805: Total Unadjusted Error (Note 8)
V
REF/2-No Connection
±1
LSB
V
REF/2 Input Resistance (Pin 9)
ADC0801/02/03/05
2.5
8.0
k
Ω
ADC0804 (Note 9)
0.75
1.1
k
Ω
Analog Input Voltage Range
(Note 4) V(+) or V(−)
Gnd–0.05
V
CC+0.05
V
DC
DC Common-Mode Error
Over Analog Input Voltage
±1/16
±1⁄8
LSB
Range
Power Supply Sensitivity
V
CC=5VDC ±10% Over
±1/16
±1⁄8
LSB
Allowed V
IN(+) and VIN(−)
Voltage Range (Note 4)
AC Electrical Characteristics
The following specifications apply for V
CC=5VDC and TMIN≤TA≤TMAX unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T
C
Conversion Time
f
CLK=640 kHz (Note 6)
103
114
µs
T
C
Conversion Time
(Notes 5, 6)
66
73
1/f
CLK
f
CLK
Clock Frequency
V
CC=5V, (Note 5)
100
640
1460
kHz
Clock Duty Cycle
40
60
%
CR
Conversion Rate in Free-Running
INTR tied to WR with
8770
9708
conv/s
Mode
CS =0V
DC,fCLK=640 kHz
t
W(WR)L
Width of WR Input (Start Pulse Width)
CS =0V
DC (Note 7)
100
ns
t
ACC
Access Time (Delay from Falling
C
L=100 pF
135
200
ns
Edge of RD to Output Data Valid)
t
1H,t0H
TRI-STATE Control (Delay
C
L=10 pF, RL=10k
125
200
ns
from Rising Edge of RD to
(See TRI-STATE Test
Hi-Z State)
Circuits)
t
WI,tRI
Delay from Falling Edge
300
450
ns
of WR or RD to Reset of INTR
C
IN
Input Capacitance of Logic
5
7.5
pF
Control Inputs
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com