Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0804
Description  8-Bit uP Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0804 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button ADC0804 Datasheet HTML 27Page - National Semiconductor (TI) ADC0804 Datasheet HTML 28Page - National Semiconductor (TI) ADC0804 Datasheet HTML 29Page - National Semiconductor (TI) ADC0804 Datasheet HTML 30Page - National Semiconductor (TI) ADC0804 Datasheet HTML 31Page - National Semiconductor (TI) ADC0804 Datasheet HTML 32Page - National Semiconductor (TI) ADC0804 Datasheet HTML 33Page - National Semiconductor (TI) ADC0804 Datasheet HTML 34Page - National Semiconductor (TI) ADC0804 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
Functional Description (Continued)
The following schematic and sample subroutine (DATA IN)
may be used to interface (up to) 8 ADC0801’s directly to the
MC6800 CPU. This scheme can easily be extended to allow
the interface of more converters. In this configuration the
converters are (arbitrarily) located at HEX address 5000 in
the MC6800 memory space. To save components, the clock
signal is derived from just one RC pair on the first converter.
This output drives the other A/Ds.
All the converters are started simultaneously with a STORE
instruction at HEX address 5000. Note that any other HEX
address of the form 5XXX will be decoded by the circuit, pull-
ing all the CS inputs low. This can easily be avoided by using
a more definitive address decoding scheme. All the inter-
rupts are ORed together to insure that all A/Ds have com-
pleted their conversion before the microprocessor is inter-
rupted.
The subroutine, DATA IN, may be called from anywhere in
the user’s program. Once called, this routine initializes the
CPU, starts all the converters simultaneously and waits for
the interrupt signal. Upon receiving the interrupt, it reads the
converters (from HEX addresses 5000 through 5007) and
stores the data successively at (arbitrarily chosen) HEX ad-
dresses 0200 to 0207, before returning to the user’s pro-
gram. All CPU registers then recover the original data they
had before servicing DATA IN.
5.2 Auto-Zeroed Differential Transducer Amplifier
and A/D Converter
The differential inputs of the ADC0801 series eliminate the
need to perform a differential to single ended conversion for
a differential transducer. Thus, one op amp can be elimi-
nated since the differential to single ended conversion is pro-
vided by the differential input of the ADC0801 series. In gen-
eral, a transducer preamp is required to take advantage of
the full A/D converter input dynamic range.
SAMPLE PROGRAM FOR
Figure 16 ADC0801–MC6820 PIA INTERFACE
DS005671-A2
www.national.com
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com