Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0804
Description  8-Bit uP Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0804 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC0804 Datasheet HTML 7Page - National Semiconductor (TI) ADC0804 Datasheet HTML 8Page - National Semiconductor (TI) ADC0804 Datasheet HTML 9Page - National Semiconductor (TI) ADC0804 Datasheet HTML 10Page - National Semiconductor (TI) ADC0804 Datasheet HTML 11Page - National Semiconductor (TI) ADC0804 Datasheet HTML 12Page - National Semiconductor (TI) ADC0804 Datasheet HTML 13Page - National Semiconductor (TI) ADC0804 Datasheet HTML 14Page - National Semiconductor (TI) ADC0804 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Typical Applications (Continued)
Self-Clocking in Free-Running Mode
DS005671-65
*After power-up, a momentary grounding of the WR input is needed to
guarantee operation.
µP Interface for Free-Running A/D
DS005671-66
Operating with “Automotive” Ratiometric Transducers
DS005671-67
*VIN(−)=0.15 VCC
15% of VCC≤VXDR≤85% of VCC
Ratiometric with V
REF/2 Forced
DS005671-68
µP Compatible Differential-Input Comparator with Pre-Set V
OS (with or without Hysteresis)
DS005671-69
*See
Figure 5 to select R value
DB7=“1” for VIN(+)>VIN(−)+(VREF/2)
Omit circuitry within the dotted area if
hysteresis is not needed
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com