Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0804
Description  8-Bit uP Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0804 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button ADC0804 Datasheet HTML 16Page - National Semiconductor (TI) ADC0804 Datasheet HTML 17Page - National Semiconductor (TI) ADC0804 Datasheet HTML 18Page - National Semiconductor (TI) ADC0804 Datasheet HTML 19Page - National Semiconductor (TI) ADC0804 Datasheet HTML 20Page - National Semiconductor (TI) ADC0804 Datasheet HTML 21Page - National Semiconductor (TI) ADC0804 Datasheet HTML 22Page - National Semiconductor (TI) ADC0804 Datasheet HTML 23Page - National Semiconductor (TI) ADC0804 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
Functional Description (Continued)
2.2 Analog Differential Voltage Inputs and
Common-Mode Rejection
This A/D has additional applications flexibility due to the ana-
log differential voltage input. The V
IN(−) input (pin 7) can be
used to automatically subtract a fixed voltage value from the
input reading (tare correction). This is also useful in 4 mA–20
mA current loop conversion. In addition, common-mode
noise can be reduced by use of the differential input.
The time interval between sampling V
IN(+) and VIN(−) is 4-
1
⁄2
clock periods. The maximum error voltage due to this slight
time difference between the input voltage samples is given
by:
where:
∆V
e is the error voltage due to sampling delay
V
P is the peak value of the common-mode voltage
f
cm is the common-mode frequency
As an example, to keep this error to 1⁄4 LSB (
∼5 mV) when
operating with a 60 Hz common-mode frequency, f
cm, and
using a 640 kHz A/D clock, f
CLK, would allow a peak value of
the common-mode voltage, V
P, which is given by:
or
which gives
V
P≅1.9V.
The allowed range of analog input voltages usually places
more severe restrictions on input common-mode noise lev-
els.
An analog input voltage with a reduced span and a relatively
large zero offset can be handled easily by making use of the
differential input (see section 2.4 Reference Voltage).
2.3 Analog Inputs
2.3 1 Input Current
Normal Mode
Due to the internal switching action, displacement currents
will flow at the analog inputs. This is due to on-chip stray ca-
pacitance to ground as shown in
Figure 5.
The voltage on this capacitance is switched and will result in
currents entering the V
IN(+) input pin and leaving the VIN(−)
input which will depend on the analog differential input volt-
age levels. These current transients occur at the leading
edge of the internal clocks. They rapidly decay and
do not
cause errors as the on-chip comparator is strobed at the end
of the clock period.
Fault Mode
If the voltage source applied to the V
IN(+) or VIN(−) pin ex-
ceeds the allowed operating range of V
CC+50 mV, large in-
put currents can flow through a parasitic diode to the V
CC
pin. If these currents can exceed the 1 mA max allowed
spec, an external diode (1N914) should be added to bypass
this current to the V
CC pin (with the current bypassed with
this diode, the voltage at the V
IN(+) pin can exceed the VCC
voltage by the forward voltage of this diode).
2.3.2 Input Bypass Capacitors
Bypass capacitors at the inputs will average these charges
and cause a DC current to flow through the output resis-
tances of the analog signal sources. This charge pumping
action is worse for continuous conversions with the V
IN(+) in-
put voltage at full-scale. For continuous conversions with a
640 kHz clock frequency with the V
IN(+) input at 5V, this DC
current is at a maximum of approximately 5 µA. Therefore,
bypass capacitors should not be used at the analog inputs or
the VREF/2 pin for high resistance sources (> 1kΩ). If input
bypass capacitors are necessary for noise filtering and high
source resistance is desirable to minimize capacitor size, the
detrimental effects of the voltage drop across this input resis-
tance, which is due to the average value of the input current,
can be eliminated with a full-scale adjustment while the
given source resistor and input bypass capacitor are both in
place. This is possible because the average value of the in-
put current is a precise linear function of the differential input
voltage.
2.3.3 Input Source Resistance
Large values of source resistance where an input bypass ca-
pacitor is not used,
will not cause errors as the input currents
settle out prior to the comparison time. If a low pass filter is
required in the system, use a low valued series resistor
(
≤ 1kΩ) for a passive RC section or add an op amp RC ac-
tive low pass filter. For low source resistance applications,
(
≤ 1kΩ), a 0.1 µF bypass capacitor at the inputs will prevent
noise pickup due to series lead inductance of a long wire. A
DS005671-14
rON of SW 1 and SW 2 ≅ 5kΩ
r=rON CSTRAY ≅ 5kΩ x12pF = 60 ns
FIGURE 5. Analog Input Impedance
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com