Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0804
Description  8-Bit uP Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0804 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button ADC0804 Datasheet HTML 18Page - National Semiconductor (TI) ADC0804 Datasheet HTML 19Page - National Semiconductor (TI) ADC0804 Datasheet HTML 20Page - National Semiconductor (TI) ADC0804 Datasheet HTML 21Page - National Semiconductor (TI) ADC0804 Datasheet HTML 22Page - National Semiconductor (TI) ADC0804 Datasheet HTML 23Page - National Semiconductor (TI) ADC0804 Datasheet HTML 24Page - National Semiconductor (TI) ADC0804 Datasheet HTML 25Page - National Semiconductor (TI) ADC0804 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Functional Description (Continued)
2.5 Errors and Reference Voltage Adjustments
2.5.1 Zero Error
The zero of the A/D does not require adjustment. If the mini-
mum analog input voltage value, V
IN(MIN), is not ground, a
zero offset can be done. The converter can be made to out-
put 0000 0000 digital code for this minimum input voltage by
biasing the A/D V
IN(−) input at this VIN(MIN) value (see Appli-
cations section). This utilizes the differential mode operation
of the A/D.
The zero error of the A/D converter relates to the location of
the first riser of the transfer function and can be measured by
grounding the V
IN (−) input and applying a small magnitude
positive voltage to the V
IN (+) input. Zero error is the differ-
ence between the actual DC input voltage that is necessary
to just cause an output digital code transition from 0000 0000
to 0000 0001 and the ideal 1⁄2 LSB value (1⁄2 LSB = 9.8 mV
for V
REF/2=2.500 VDC).
2.5.2 Full-Scale
The full-scale adjustment can be made by applying a differ-
ential input voltage that is 11⁄2 LSB less than the desired ana-
log full-scale voltage range and then adjusting the magni-
tude of the V
REF/2 input (pin 9 or the VCC supply if pin 9 is
not used) for a digital output code that is just changing from
1111 1110 to 1111 1111.
2.5.3 Adjusting for an Arbitrary Analog Input Voltage
Range
If the analog zero voltage of the A/D is shifted away from
ground (for example, to accommodate an analog input signal
that does not go to ground) this new zero reference should
be properly adjusted first. A V
IN(+) voltage that equals this
desired zero reference plus 1⁄2 LSB (where the LSB is calcu-
lated for the desired analog span, 1 LSB=analog span/256)
is applied to pin 6 and the zero reference voltage at pin 7
should then be adjusted to just obtain the 00
HEX to 01HEX
code transition.
The full-scale adjustment should then be made (with the
proper V
IN(−) voltage applied) by forcing a voltage to the
V
IN(+) input which is given by:
where:
V
MAX=The high end of the analog input range
and
V
MIN=the low end (the offset zero) of the analog range.
(Both are ground referenced.)
The V
REF/2 (or VCC) voltage is then adjusted to provide a
code change from FE
HEX to FFHEX. This completes the ad-
justment procedure.
2.6 Clocking Option
The clock for the A/D can be derived from the CPU clock or
an external RC can be added to provide self-clocking. The
CLK IN (pin 4) makes use of a Schmitt trigger as shown in
Figure 8.
DS005671-87
a) Analog Input Signal Example
DS005671-88
*Add if VREF/2 ≤ 1VDC with LM358 to draw 3 mA to ground.
b) Accommodating an Analog Input from
0.5V (Digital Out = 00
HEX) to 3.5V
(Digital Out=FF
HEX)
FIGURE 7. Adapting the A/D Analog Input Voltages to Match an Arbitrary Input Signal Range
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com