Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0804
Description  8-Bit uP Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0804 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button ADC0804 Datasheet HTML 31Page - National Semiconductor (TI) ADC0804 Datasheet HTML 32Page - National Semiconductor (TI) ADC0804 Datasheet HTML 33Page - National Semiconductor (TI) ADC0804 Datasheet HTML 34Page - National Semiconductor (TI) ADC0804 Datasheet HTML 35Page - National Semiconductor (TI) ADC0804 Datasheet HTML 36Page - National Semiconductor (TI) ADC0804 Datasheet HTML 37Page - National Semiconductor (TI) ADC0804 Datasheet HTML 38Page - National Semiconductor (TI) ADC0804 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
Functional Description (Continued)
A flow chart for the zeroing subroutine is shown in
Figure 20.
It must be noted that the ADC0801 series will output an all
zero code when it converts a negative input [V
IN(−) ≥ VIN(+)].
Also, a logic inversion exists as all of the I/O ports are buff-
ered with inverting gates.
Basically, if the data read is zero, the differential output volt-
age is negative, so a bit in Port B is cleared to pull V
X more
negative which will make the output more positive for the
next conversion. If the data read is not zero, the output volt-
age is positive so a bit in Port B is set to make V
X more posi-
tive and the output more negative. This continues for 8 ap-
proximations
and
the
differential
output
eventually
converges to within 5 mV of zero.
The actual program is given in
Figure 21. All addresses used
are compatible with the BLC 80/10 microcomputer system.
In particular:
Port A and the ADC0801 are at port address E4
Port B is at port address E5
Port C is at port address E6
PPI control word port is at port address E7
Program Counter automatically goes to ADDR:3C3D upon
acknowledgement of an interrupt from the ADC0801
5.3 Multiple A/D Converters in a Z-80 Interrupt
Driven Mode
In data acquisition systems where more than one A/D con-
verter (or other peripheral device) will be interrupting pro-
gram execution of a microprocessor, there is obviously a
need for the CPU to determine which device requires servic-
ing.
Figure 22 and the accompanying software is a method
of determining which of 7 ADC0801 converters has com-
pleted a conversion (INTR asserted) and is requesting an in-
terrupt. This circuit allows starting the A/D converters in any
sequence, but will input and store valid data from the con-
verters with a priority sequence of A/D 1 being read first, A/D
2 second, etc., through A/D 7 which would have the lowest
priority for data being read. Only the converters whose INT is
asserted will be read.
The key to decoding circuitry is the DM74LS373, 8-bit D type
flip-flop. When the Z-80 acknowledges the interrupt, the pro-
gram is vectored to a data input Z-80 subroutine. This sub-
routine will read a peripheral status word from the
DM74LS373 which contains the logic state of the INTR out-
puts of all the converters. Each converter which initiates an
interrupt will place a logic “0” in a unique bit position in the
status word and the subroutine will determine the identity of
the converter and execute a data read. An identifier word
(which indicates which A/D the data came from) is stored in
the next sequential memory location above the location of
the data so the program can keep track of the identity of the
data entered.
DS005671-92
FIGURE 19. Microprocessor Interface Circuitry for Differential Preamp
www.national.com
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com