Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0804
Description  8-Bit uP Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0804 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button ADC0804 Datasheet HTML 29Page - National Semiconductor (TI) ADC0804 Datasheet HTML 30Page - National Semiconductor (TI) ADC0804 Datasheet HTML 31Page - National Semiconductor (TI) ADC0804 Datasheet HTML 32Page - National Semiconductor (TI) ADC0804 Datasheet HTML 33Page - National Semiconductor (TI) ADC0804 Datasheet HTML 34Page - National Semiconductor (TI) ADC0804 Datasheet HTML 35Page - National Semiconductor (TI) ADC0804 Datasheet HTML 36Page - National Semiconductor (TI) ADC0804 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
Functional Description (Continued)
Note 25: In order for the microprocessor to service subroutines and interrupts, the stack pointer must be dimensioned in the user’s program.
For amplification of DC input signals, a major system error is
the input offset voltage of the amplifiers used for the preamp.
Figure 18 is a gain of 100 differential preamp whose offset
voltage errors will be cancelled by a zeroing subroutine
which is performed by the INS8080A microprocessor sys-
tem. The total allowable input offset voltage error for this
preamp is only 50 µV for 1⁄4 LSB error. This would obviously
require very precise amplifiers. The expression for the differ-
ential output voltage of the preamp is:
where I
X is the current through resistor RX. All of the offset
error terms can be cancelled by making ±I
XRX= VOS1 +
V
OS3
−V
OS2.
This is the principle of this auto-zeroing
scheme.
The INS8080A uses the 3 I/O ports of an INS8255 Program-
able Peripheral Interface (PPI) to control the auto zeroing
and input data from the ADC0801 as shown in
Figure 19.
The PPI is programmed for basic I/O operation (mode 0) with
Port A being an input port and Ports B and C being output
ports. Two bits of Port C are used to alternately open or close
the 2 switches at the input of the preamp. Switch SW1 is
closed to force the preamp’s differential input to be zero dur-
ing the zeroing subroutine and then opened and SW2 is then
closed for conversion of the actual differential input signal.
Using 2 switches in this manner eliminates concern for the
ON resistance of the switches as they must conduct only the
input bias current of the input amplifiers.
Output Port B is used as a successive approximation regis-
ter by the 8080 and the binary scaled resistors in series with
each output bit create a D/A converter. During the zeroing
subroutine, the voltage at V
x increases or decreases as re-
quired to make the differential output voltage equal to zero.
This is accomplished by ensuring that the voltage at the out-
put of A1 is approximately 2.5V so that a logic “1” (5V) on
SAMPLE PROGRAM FOR
Figure 17 INTERFACING MULTIPLE A/D’s IN AN MC6800 SYSTEM
DS005671-A3
SAMPLE PROGRAM FOR
Figure 17 INTERFACING MULTIPLE A/D’s IN AN MC6800 SYSTEM
DS005671-A4
www.national.com
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com