Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0804
Description  8-Bit uP Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0804 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button ADC0804 Datasheet HTML 15Page - National Semiconductor (TI) ADC0804 Datasheet HTML 16Page - National Semiconductor (TI) ADC0804 Datasheet HTML 17Page - National Semiconductor (TI) ADC0804 Datasheet HTML 18Page - National Semiconductor (TI) ADC0804 Datasheet HTML 19Page - National Semiconductor (TI) ADC0804 Datasheet HTML 20Page - National Semiconductor (TI) ADC0804 Datasheet HTML 21Page - National Semiconductor (TI) ADC0804 Datasheet HTML 22Page - National Semiconductor (TI) ADC0804 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
Functional Description (Continued)
After the “1” is clocked through the 8-bit shift register (which
completes the SAR search) it appears as the input to the
D-type latch, LATCH 1. As soon as this “1” is output from the
shift register, the AND gate, G2, causes the new digital word
to transfer to the TRI-STATE output latches. When LATCH 1
is subsequently enabled, the Q output makes a high-to-low
transition which causes the INTR F/F to set. An inverting
buffer then supplies the INTR input signal.
Note that this SET control of the INTR F/F remains low for 8
of the external clock periods (as the internal clocks run at 1⁄8
of the frequency of the external clock). If the data output is
continuously enabled (CS and RD both held low), the INTR
output will still signal the end of conversion (by a high-to-low
transition), because the SET input can control the Q output
of the INTR F/F even though the RESET input is constantly
at a “1” level in this operating mode. This INTR output will
therefore stay low for the duration of the SET signal, which is
8 periods of the external clock frequency (assuming the A/D
is not started during this interval).
When operating in the free-running or continuous conversion
mode (INTR pin tied to WR and CS wired low — see also
section 2.8), the START F/F is SET by the high-to-low tran-
sition of the INTR signal. This resets the SHIFT REGISTER
which causes the input to the D-type latch, LATCH 1, to go
low. As the latch enable input is still present, the Q output will
go high, which then allows the INTR F/F to be RESET. This
reduces the width of the resulting INTR output pulse to only
a few propagation delays (approximately 300 ns).
When data is to be read, the combination of both CS and RD
being low will cause the INTR F/F to be reset and the
TRI-STATE output latches will be enabled to provide the 8-bit
digital outputs.
2.1 Digital Control Inputs
The digital control inputs (CS, RD, and WR) meet standard
T
2L logic voltage levels. These signals have been renamed
when compared to the standard A/D Start and Output Enable
labels. In addition, these inputs are active low to allow an
easy interface to microprocessor control busses. For
non-microprocessor based applications, the CS input (pin 1)
can be grounded and the standard A/D Start function is ob-
tained by an active low pulse applied at the WR input (pin 3)
and the Output Enable function is caused by an active low
pulse at the RD input (pin 2).
DS005671-13
Note 13: CS shown twice for clarity.
Note 14: SAR = Successive Approximation Register.
FIGURE 4. Block Diagram
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com