Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1055LP2CE Datasheet(PDF) 4 Page - Analog Devices

Part # HMC1055LP2CE
Description  0.5 GHz to 4.0 GHz, GaAs, SPST Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1055LP2CE Datasheet(HTML) 4 Page - Analog Devices

  HMC1055LP2CE Datasheet HTML 1Page - Analog Devices HMC1055LP2CE Datasheet HTML 2Page - Analog Devices HMC1055LP2CE Datasheet HTML 3Page - Analog Devices HMC1055LP2CE Datasheet HTML 4Page - Analog Devices HMC1055LP2CE Datasheet HTML 5Page - Analog Devices HMC1055LP2CE Datasheet HTML 6Page - Analog Devices HMC1055LP2CE Datasheet HTML 7Page - Analog Devices HMC1055LP2CE Datasheet HTML 8Page - Analog Devices HMC1055LP2CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HMC1055
Data Sheet
Rev. A | Page 4 of 10
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
RF Input Power (V
DD = 3 V, TCASE = 85°C)
34 dBm
Supply Voltage
6.0 V
Control Voltage Range
−0.2 V to V
DD + 0.2 V
Continuous Power Dissipation, P
DISS
0.88 W
Thermal Resistance, θ
JC (Channel to
Package Bottom)
74°C/W
Channel Temperature
150°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Reflow Temperature
260°C (MSL1 Rating)
ESD Sensitivity, Human Body Model (HBM)
250 V (Class 1A)
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com