Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1055LP2CE Datasheet(PDF) 8 Page - Analog Devices

Part # HMC1055LP2CE
Description  0.5 GHz to 4.0 GHz, GaAs, SPST Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1055LP2CE Datasheet(HTML) 8 Page - Analog Devices

Back Button HMC1055LP2CE Datasheet HTML 2Page - Analog Devices HMC1055LP2CE Datasheet HTML 3Page - Analog Devices HMC1055LP2CE Datasheet HTML 4Page - Analog Devices HMC1055LP2CE Datasheet HTML 5Page - Analog Devices HMC1055LP2CE Datasheet HTML 6Page - Analog Devices HMC1055LP2CE Datasheet HTML 7Page - Analog Devices HMC1055LP2CE Datasheet HTML 8Page - Analog Devices HMC1055LP2CE Datasheet HTML 9Page - Analog Devices HMC1055LP2CE Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
HMC1055
Data Sheet
Rev. A | Page 8 of 10
THEORY OF OPERATION
The HMC1055 requires a single-supply voltage applied to the
VDD pin. Bypassing capacitors are recommended on the supply
line to minimize RF coupling.
The HMC1055 is controlled via a single digital control voltage
applied to the VCTL pin. When the VCTL pin is high, the switch is
set to the on state, by which an insertion loss path is provided
from RF1 to RF2. When the VCTL pin is low, the switch is set to
the off state, by which RF2 is isolated from RF1 and terminated
to 50 Ω, whereas RF1 becomes reflective open (see Table 4).
The HMC1055 is internally matched to 50 Ω at the RF1 and
RF2 pins; therefore, no external matching components are
required. The RF1 and RF2 pins are dc-coupled, and dc
blocking capacitors are required on the RF lines.
Table 4. Truth Table
Supply Voltage
(V
DD)
Control Voltage
(V
CTL)
1
Switch Mode
(RF1 to RF2)
3 V
0 V
Off
3 V
On
5 V
0 V
Off
5 V
On
1 Control voltage tolerances are ±0.2 V dc.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com